Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM285LP-1.2 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM285LP-1.2
Descripción Electrónicos  MICROPOWER VOLTAGE REFERENCES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM285LP-1.2 Datasheet(HTML) 4 Page - Texas Instruments

  LM285LP-1.2 Datasheet HTML 1Page - Texas Instruments LM285LP-1.2 Datasheet HTML 2Page - Texas Instruments LM285LP-1.2 Datasheet HTML 3Page - Texas Instruments LM285LP-1.2 Datasheet HTML 4Page - Texas Instruments LM285LP-1.2 Datasheet HTML 5Page - Texas Instruments LM285LP-1.2 Datasheet HTML 6Page - Texas Instruments LM285LP-1.2 Datasheet HTML 7Page - Texas Instruments LM285LP-1.2 Datasheet HTML 8Page - Texas Instruments LM285LP-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM2851.2, LM3851.2, LM385B1.2
MICROPOWER VOLTAGE REFERENCES
SLVS075H − APRIL 1989 − REVISED FEBRUARY 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature
PARAMETER
TEST
TA†
LM285-1.2
LM385-1.2
LM385B-1.2
UNIT
PARAMETER
TEST
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VZ
Reference
voltage
IZ = I(min)
to 20 mA‡
25
°C
1.223
1.235
1.247
1.21
1.235
1.26
1.223
1.235
1.247
V
αVZ
Average
temperature
coefficient of
reference
voltage§
IZ = I(min)
to 20 mA‡
Full range
±20
±20
±20
ppm/
°C
Change in
IZ = I(min)
25
°C
1
1
1
∆VZ
Change in
reference
IZ = I(min)
to 1 mA‡
Full range
1.5
1.5
1.5
mV
∆VZ
reference
voltage with
current
IZ = 1 mA
25
°C
12
20
20
mV
voltage with
current
IZ = 1 mA
to 20 mA
Full range
30
30
30
∆VZ/∆t
Long-term
change in
reference
voltage
IZ = 100 µA
25
°C
±20
±20
±20
ppm/khr
IZ(min)
Minimum
reference
current
Full range
8
10
8
15
8
15
µA
zz
Reference
IZ = 100 µA,
25
°C
0.2
0.6
0.4
1
0.4
1
zz
Reference
impedance
IZ = 100 µA,
f = 25 Hz
Full range
1.5
1.5
1.5
Vn
Broadband
noise voltage
IZ = 100 µA,
f = 10 Hz to
10 kHz
25
°C
60
60
60
µV
† Full range is −40°C to 85°C for the LM285-1.2 and 0°C to 70°C for the LM385-1.2 and LM385B-1.2.
‡ I(min) = 10 µA for the LM285-1.2 and 15 µA for the LM385-1.2 and LM385B-1.2
§ The average temperature coefficient of reference voltage is defined as the total change in reference voltage divided by the specified temperature
range.


Número de pieza similar - LM285LP-1.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM285LP-1-2 TI1-LM285LP-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285LP-1-2 TI1-LM285LP-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Descripción similar - LM285LP-1.2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com