Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


FC-LPS Datasheet(Hoja de datos) 3 Page - Gamewell-FCI by Honeywell

No. de Pieza. FC-LPS
Descripción  Zoned Audio Command Center Voice Evacuation Control Panel
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Página de inicio  http://www.gamewell-fci.com
Logo 

   
 3 page
background image
GWACCZ
CS-2505 09/01/06
Page 3 of 4
Application Example: 50-watt zone splitting, eight speaker circuits
50 watts total power with automatic control via ACS link from the FACP — see diagram below.
This application of the GWACCZ configures the zone splitter module (ACC-ZSM) to divide 50 watts of audio from two audio
amplifiers (ACC-AAM25) into four speaker circuits each. The FACP uses the ACS link connected to the zone page module
with keypad (ACC-ZPMK) for automatic activation of the speaker zones and for alarm activation.
Configuration switches are set as follows:
• ACC-ZSM SW1 set to “AAM1 & AAM2” and SW2 to “Class B” to place speaker circuits 1 – 4 on AAM1
and speaker circuits 5 – 8 on AAM2, configured for Style Y (Class B) wiring.
• ACC-ZPMK DIP switch S1 set for communication with software version 2.x (1 = ON, 2 = OFF, 3 = OFF).
• GWACCZ main circuit board DIP switch S3 set for single zone mode, All-Call and two messages
(1 = ON, 2 = OFF, 3 = OFF).
The FACP can automatically activate the Fire Evacuation Message and any combination of the eight speaker zones. For
speaker circuit manual deactivation, press the activated zone pushbutton on the ACC-ZPMK keypad. For manual activa-
tion, press either of the Message push-buttons, then select the Zone pushbutton on the ACC-ZPMK keypad. For All-Call
Paging, press the All-Call pushbutton on the main panel keypad, then key the microphone to make an announcement.




Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
GWACCAudio Command Center Voice Evacuation Control Panel 1 2 3 4 Gamewell-FCI by Honeywell
IF602VE-126Analog Addressable Control Panel with Voice Evacuation 1 2 3 4 Gamewell-FCI by Honeywell
INI-VGCCommand center voice gateway 1 2 3 4 Gamewell-FCI by Honeywell
GV-MP16-RCFire Command Center Multiplexed Voice Multiplexed Voice 1 2 Gamewell-FCI by Honeywell
IF602SS-198RAnalog Addressable Control Panel 1 2 3 Gamewell-FCI by Honeywell
STW5094A18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec 1 2 3 4 5 MoreSTMicroelectronics
LCD-7100Compact Analog Addressable Fire Alarm Control Panel 1 2 3 Gamewell-FCI by Honeywell
IF610SS-396XLAnalog Addressable Control Panel 1 2 3 Gamewell-FCI by Honeywell
PA74932W X 2 CLASS AB AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL 1 2 3 4 5 MoreUnisonic Technologies
PGA2310_08Stereo Audio Volume Control 1 2 3 4 5 MoreBurr-Brown (TI)

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl