Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMJ320F240 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
SMJ320F240 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 99 page SMJ320F240 DSP CONTROLLER SGUS029 – APRIL 1999 8 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 Terminal Functions (Continued) TERMINAL TYPE† DESCRIPTION NAME NO. TYPE† DESCRIPTION SUPPLY SIGNALS CVSS 8 I Digital core logic ground reference VSS 3 14 20 29 46 59 I Digital logic ground reference VSS 61 71 92 104 113 120 I Digital logic ground reference VSSA 87 I Analog ground reference DVDD 2 13 21 47 I Digital I/O logic supply voltage DD (See Note 1) 62 93 103 121 I Digital I/O logic supply voltage CVDD 7 I Digital core logic supply voltage DD (See Note 1) 60 I Digital core logic supply voltage VCCA 84 I Analog supply voltage VREFHI 85 I ADC analog voltage reference high VREFLO 86 I ADC analog voltage reference low TEST SIGNALS TCK 30 I IEEE standard test clock. TCK is normally a free-running clock signal with a 50% duty cycle. The changes on test-access port (TAP) input signals (TMS and TDI) are clocked into the TAP controller, instruction register, or selected test data register of the ’C2xx core on the rising edge of TCK. Changes at the TAP output signal (TDO) occur on the falling edge of TCK. TDI 31 I IEEE standard test data input (TDI). TDI is clocked into the selected register (instruction or data) on a rising edge of TCK. TDO 34 O/Z IEEE standard test data output (TDO). The contents of the selected register (instruction or data) are shifted out of TDO on the falling edge of TCK. TDO is in the high-impedance state when OFF is active low. TMS 33 I IEEE standard test mode select. This serial control input is clocked into the TAP controller on the rising edge of TCK. † I = input, O = output, Z = high impedance NOTE 1: VDDreferstosupplyvoltagetypesCVDD(digitalcoresupplyvoltage),DVDD(digitalI/Osupplyvoltage),andVDDP(programmingvoltage supply). All voltages are measured with respect to VSS. |
Número de pieza similar - SMJ320F240 |
|
Descripción similar - SMJ320F240 |