Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMJ320C30GBM50 Datasheet(PDF) 11 Page - Texas Instruments |
|
SMJ320C30GBM50 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 47 page SMJ320C30 DIGITAL SIGNAL PROCESSOR SGUS014H − FEBRUARY 1991 − REVISED JUNE 2004 11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 absolute maximum ratings over operating case temperature range (unless otherwise noted)† Supply voltage range, VCC (see Note 3) −0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI − 0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO −0.3 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous power dissipation (see Note 4) 3.15 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating case temperature range, TC − 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg − 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 3. All voltage values are with respect to VSS. 4. Actual operating power is less. This value was obtained under specially produced worst-case test conditions, which are not sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard pattern to both primary and extension buses at the maximum rate possible. See normal (ICC) current specification in the electrical characteristics table and also read Calculation of TMS320C30 Power Dissipation Application Report (literature number SPRA020). recommended operating conditions (see Note 5) MIN NOM‡ MAX UNIT VDD Supply voltage (AVDD, etc.) 4.75 5 5.25 V VDD Supply voltage (AVDD, etc.) 4.75 5 5.25 V VSS Supply voltage (CVSS, etc.) 0 V VIH High-level input voltage 2.1 VDD + 0.3* V VTH High-level input voltage for CLKIN 3 VDD + 0.3* V VIL Low-level input voltage − 0.3* 0.8 V IOH High-level output current − 300 µA IOL Low-level output current 2 mA TC Operating case temperature (see Note 6) − 55 125 °C ‡ All nominal values are at VDD = 5 V, TA (ambient-air temperature)= 25°C. * This parameter is not production tested. NOTE 5: All input and output voltage levels are TTL compatible. NOTE 6: TC MAX at maximum rated operating conditions at any point on the case, TC MIN at initial (time zero) power up |
Número de pieza similar - SMJ320C30GBM50 |
|
Descripción similar - SMJ320C30GBM50 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |