Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMJ320C30HFGM40 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza SMJ320C30HFGM40
Descripción Electrónicos  DIGITAL SIGNAL PROCESSOR
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SMJ320C30HFGM40 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SMJ320C30HFGM40 Datasheet HTML 4Page - Texas Instruments SMJ320C30HFGM40 Datasheet HTML 5Page - Texas Instruments SMJ320C30HFGM40 Datasheet HTML 6Page - Texas Instruments SMJ320C30HFGM40 Datasheet HTML 7Page - Texas Instruments SMJ320C30HFGM40 Datasheet HTML 8Page - Texas Instruments SMJ320C30HFGM40 Datasheet HTML 9Page - Texas Instruments SMJ320C30HFGM40 Datasheet HTML 10Page - Texas Instruments SMJ320C30HFGM40 Datasheet HTML 11Page - Texas Instruments SMJ320C30HFGM40 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
SMJ320C30
DIGITAL SIGNAL PROCESSOR
SGUS014H − FEBRUARY 1991 − REVISED JUNE 2004
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
CONDITIONS
WHEN
NAME
QTY‡
TYPE†
DESCRIPTION
WHEN
SIGNAL IS Z TYPE§
SERIAL PORT 0 SIGNALS
CLKX0
1
I/O/Z
Serial port 0 transmit clock. CLKX0 is the serial-shift clock for the serial port 0
transmitter.
S
R
DX0
1
I/O/Z
Data transmit output. Serial port 0 transmits serial data on DX0.
S
R
FSX0
1
I/O/Z
Frame synchronization pulse for transmit. The FSX0 pulse initiates the transmit-data
process over DX0.
S
R
CLKR0
1
I/O/Z
Serial port 0 receive clock. CLKR0 is the serial-shift clock for the serial port 0 receiver.
S
R
DR0
1
I/O/Z
Data receive. Serial port 0 receives serial data on DR0.
S
R
FSR0
1
I/O/Z
Frame synchronization pulse for receive. The FSR0 pulse initiates the receive-data
process over DR0.
S
R
SERIAL PORT 1 SIGNALS
CLKX1
1
I/O/Z
Serial port 1 transmit clock. CLKX1 is the serial-shift clock for the serial port 1
transmitter.
S
R
DX1
1
I/O/Z
Data transmit output. Serial port 1 transmits serial data on DX1.
S
R
FSX1
1
I/O/Z
Frame synchronization pulse for transmit. The FSX1 pulse initiates the transmit-data
process over DX1.
S
R
CLKR1
1
I/O/Z
Serial port 1 receive clock. CLKR1 is the serial-shift clock for the serial port 1 receiver.
S
R
DR1
1
I/O/Z
Data receive. Serial port 1 receives serial data on DR1.
S
R
FSR1
1
I/O/Z
Frame synchronization pulse for receive. The FSR1 pulse initiates the receive-data
process over DR1.
S
R
TIMER 0 SIGNALS
TCLK0
1
I/O/Z
Timer clock 0. As an input, TCLK0 is used by timer 0 to count external pulses. As an
output, TCLK0 outputs pulses generated by timer 0.
S
R
TIMER 1 SIGNALS
TCLK1
1
I/O/Z
Timer clock 1. As an input, TCLK1 is used by timer 1 to count external pulses. As an
output, TCLK1 outputs pulses generated by timer 1.
S
R
SUPPLY AND OSCILLATOR SIGNALS (see Note 1)
VDD
4
I
5-V supply¶
IODVDD
2
I
5-V supply¶
ADVDD
2
I
5-V supply¶
PDVDD
1
I
5-V supply¶
DDVDD
2
I
5-V supply¶
MDVDD
1
I
5-V supply¶
VSS
4
I
Ground
DVSS
4
I
Ground
CVSS
2
I
Ground
† I = input, O = output, Z = high-impedance state, NC = no connect
‡ For GB package
§ S = SHZ active, H = HOLD active, R = RESET active
¶ Recommended decoupling capacitor is 0.1 µF.
NOTE 1: CVSS, VSS, and IVSS are on the same plane.


Número de pieza similar - SMJ320C30HFGM40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SMJ320C30HFGM40 TI1-SMJ320C30HFGM40 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SMJ320C30HFGM40 TI1-SMJ320C30HFGM40 Datasheet
816Kb / 49P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - SMJ320C30HFGM40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com