Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC184 Datasheet(PDF) 1 Page - Dc Components

No. de pieza BC184
Descripción Electrónicos  TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DCCOM [Dc Components]
Página de inicio  http://www.dccomponents.com
Logo DCCOM - Dc Components

BC184 Datasheet(HTML) 1 Page - Dc Components

  BC184 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC184
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for general purpose amplifier applications.
Pinning
1 = Collector
2 = Base
3 = Emitter
TO-92
.022(0.56)
.014(0.36)
.050
(1.27)
.148(3.76)
.132(3.36)
Typ
.190(4.83)
.170(4.33)
.100
(2.54)
Typ
.050
(1.27)
Typ
.022(0.56)
.014(0.36)
.190(4.83)
.170(4.33)
.500
(12.70)
Min
2oTyp
5oTyp.
2oTyp
3 2 1
5oTyp.
Dimensions in inches and (millimeters)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
100
mA
Total Power Dissipation
PD
350
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Rank
B
C
Range
240~500
450~900
Classification of hFE
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
45
-
-
V
IC=10
µA, IE=0
Collector-Emitter Breakdown Voltage
BVCEO
30
-
-
V
IC=2mA, IB=0
Emitter-Base Breakdown Volatge
BVEBO
6
-
-
V
IE=100
µA, IC=0
Collector Cutoff Current
ICBO
-
-
15
nA
VCB=30V, IE=0
Emitter Cutoff Current
IEBO
-
-
15
nA
VEB=4V, IC=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)1
-
0.07
0.25
V
IC=10mA, IB=0.5mA
VCE(sat)2
-
0.2
0.6
V
IC=100mA, IB=5mA
Base-Emitter Saturation Voltage(1)
VBE(sat)
-
-
1.2
V
IC=100mA, IB=5mA
VBE(on)1
-
0.5
-
V
IC=0.1mA, VCE=5V
Base-Emitter On Voltage(1)
VBE(on)2
0.55
0.62
0.7
V
IC=2mA, VCE=5V
VBE(on)3
-
0.83
-
V
IC=100mA, VCE=5V
DC Current Gain(1)
hFE
240
-
900
-
IC=2mA, VCE=5V
Transition Frequency
fT
150
-
-
MHz
IC=10mA, VCE=5V, f=100MHz
Output Capacitance
Cob
-
-
5
pF
VCB=10V, f=1MHz, IE=0
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Número de pieza similar - BC184

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BC184 FAIRCHILD-BC184 Datasheet
356Kb / 6P
   AMPLIFIER TRANSISTOR(NPN)
logo
Continental Device Indi...
BC184 CDIL-BC184 Datasheet
69Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
BC184 SEMTECH_ELEC-BC184 Datasheet
140Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
BC184 SECOS-BC184 Datasheet
221Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
BC184 WINNERJOIN-BC184 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
More results

Descripción similar - BC184

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dc Components
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD965 DCCOM-2SD965 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com