Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE3345BEV Datasheet(PDF) 6 Page - Pletronics, Inc.

No. de pieza PE3345BEV
Descripción Electrónicos  PE3XB Series 3.3 V PECL Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLETRONICS [Pletronics, Inc.]
Página de inicio  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE3345BEV Datasheet(HTML) 6 Page - Pletronics, Inc.

  PE3345BEV Datasheet HTML 1Page - Pletronics, Inc. PE3345BEV Datasheet HTML 2Page - Pletronics, Inc. PE3345BEV Datasheet HTML 3Page - Pletronics, Inc. PE3345BEV Datasheet HTML 4Page - Pletronics, Inc. PE3345BEV Datasheet HTML 5Page - Pletronics, Inc. PE3345BEV Datasheet HTML 6Page - Pletronics, Inc. PE3345BEV Datasheet HTML 7Page - Pletronics, Inc. PE3345BEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PE3XB Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 µinch (0.5 µm)
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink covering
top with laser marked lettering
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25µm)
Electroless Nickel Plated
1 µinch (25 µm) typical
Pin 3 Ground plane is typical
Not to scale
B
0.550 +
_0.010
13.97 +
_0.25
A
0.390 +
_0.010
9.90 +
_0.25
C
0.105 +
_0.010
2.67 +
_0.25
D
1
0.026 typ.
0.66
E
1
0.050
1.27
F
1
0.028 R
0.72 R
G
1
0.180
4.57
H
1
0.100
2.54
I
1
0.050
1.27
J
1
0.015
0.38
K
1
0.380
9.65
The package is not hermetically sealed.
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.
PE33
Pad
PE37
Pad
Function
Note
2
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is <0.30 volts, the output will be at a steady, non switching state.
Recommend connecting this pad to V
CC if the oscillator is to be always on.
1
2
No connect
There is no internal connection to this pad
3
Ground (GND)
4
Output
The outputs must be terminated, 100 ohms between the outputs is the ideal
termination.
When the device is disabled, the Output will be an active logic low and the
Output* will be an active logic high.
The outputs can not be “wire-ORed” with other oscillators or signal generators
5
Output*
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.


Número de pieza similar - PE3345BEV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
PE3345BEW PLETRONICS-PE3345BEW Datasheet
168Kb / 9P
   PE3XB Series 2.5 V PECL Clock Oscillators
More results

Descripción similar - PE3345BEV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
PE3345BEW PLETRONICS-PE3345BEW Datasheet
168Kb / 9P
   PE3XB Series 2.5 V PECL Clock Oscillators
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
   PE37T Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com