Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN7405D Datasheet(PDF) 5 Page - Texas Instruments |
|
SN7405D Datasheet(HTML) 5 Page - Texas Instruments |
5 / 18 page SN54LS05, SN54S05 SN7405, SN74LS05, SN74S05 HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions SN54LS05 SN74LS05 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.75 5 5.25 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.7 0.8 V VOH High-level output voltage 5.5 5.5 V IOL Low-level output current 4 8 mA TA Operating free-air temperature −55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS† SN54LS05 SN74LS05 UNIT PARAMETER TEST CONDITIONS† MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIK VCC = MIN, II = −18 mA −1.5 −1.5 V IOH VCC = MIN, VIL = MAX, VOH = 5.5 V 0.1 0.1 mA VOL VCC = MIN, VIH = 2 V IOL = 4 mA 0.25 0.4 0.25 0.4 V VOL VCC = MIN, VIH = 2 V IOL = 8 mA 0.35 0.5 V II VCC = MAX, VI = 7 V 0.1 0.1 mA IIH VCC = MAX, VI = 2.7 V 20 20 µA IIL VCC = MAX, VI = 0.4 V −0.4 −0.4 mA ICCH VCC = MAX, VI = 0 V 1.2 2.4 1.2 2.4 mA ICCL VCC = MAX, VI = 4.5 V 3.6 6.6 3.6 6.6 mA † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. ‡ All typical values are at VCC = 5 V, TA = 25°C. switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2) PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX UNIT tPLH A Y RL = 2 kΩ, CL = 15 pF 17 32 ns tPHL A Y RL = 2 kΩ, CL = 15 pF 15 28 ns The SN5405 is obsolete and no longer is supplied. |
Número de pieza similar - SN7405D |
|
Descripción similar - SN7405D |