Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM1144BDY Datasheet(PDF) 8 Page - Pletronics, Inc.

No. de pieza SM1144BDY
Descripción Electrónicos  CMOS with Enable/ Disable, 3rd Overtone Crystal Used
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLETRONICS [Pletronics, Inc.]
Página de inicio  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM1144BDY Datasheet(HTML) 8 Page - Pletronics, Inc.

  SM1144BDY Datasheet HTML 1Page - Pletronics, Inc. SM1144BDY Datasheet HTML 2Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 2 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
8
260°C Maximum
10 Seconds Maximum
215°C±10°C
Approximately 50 Seconds
Allowed rate of temperature change
Maximum 4°C per second
120 to 160 Seconds
100
150
200
250
175°C±10°C
Reflow Cycle (typical for lead free processing)
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1
Tape
Size
D0
D1
Min
E1
P0
P2
S1
Min
T
Max
T1
Max
8mm
1.5
+0.1
-0.0
1.0
1.75
+
_0.1
4.0
+
_0.1
2.0
+
_0.05
0.6
0.6
0.1
12mm
1.5
16mm
1.5
2.0
+
_0.1
24mm
1.5
Variable Dimensions Table 2
Tape
Size
B1
Max
E2 Min
F
P1
T2
Max
W Max
Ao, Bo
& Ko
24 mm
9.88
22.25
11.5 +
_0.1
16.0 +
_0.1
3.22
24.3
Note 1
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
Not to scale
REEL DIMENSIONS
A
inches
7.0
10.0
13.0
mm
177.8
254.0
330.2
B
inches
2.50
4.00
3.75
mm
63.5
101.6
95.3
Tape
Width
C
mm
13.0 +0.5 / -0.2
D
mm
---
---
24.4
+2.0
-0.0
24.0
Reel dimensions may vary from the above


Número de pieza similar - SM1144BDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SM1144C ETC1-SM1144C Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1144CE ETC1-SM1144CE Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
More results

Descripción similar - SM1144BDY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com