Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM7720GW Datasheet(PDF) 4 Page - Pletronics, Inc.

No. de pieza SM7720GW
Descripción Electrónicos  2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PLETRONICS [Pletronics, Inc.]
Página de inicio  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7720GW Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM7720GW Datasheet HTML 1Page - Pletronics, Inc. SM7720GW Datasheet HTML 2Page - Pletronics, Inc. SM7720GW Datasheet HTML 3Page - Pletronics, Inc. SM7720GW Datasheet HTML 4Page - Pletronics, Inc. SM7720GW Datasheet HTML 5Page - Pletronics, Inc. SM7720GW Datasheet HTML 6Page - Pletronics, Inc. SM7720GW Datasheet HTML 7Page - Pletronics, Inc. SM7720GW Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM77G Series 2.5 V
CMOS Clock Oscillators
Feb 2008
www.pletronics.com
425-776-1880
4
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
2.5
4
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
1.8
5
nS
> 35 MHz
4.5
7.5
nS
< 35 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
26
nS
> 35 MHz
7.5
12
nS
< 35 MHz
C
LOAD =50 pF
10% to 90% of V
CC
See Load Circuit
38
nS
> 35 MHz
V
CC Supply Current (ICC)3
6
mA
< 8 MHz
C
LOAD = 15 pF
3.5
7
mA
> 8 MHz and < 16 MHz
48
mA
> 16 MHz and < 35 MHz
13
29
mA
> 35 MHz
3.5
7
mA
< 8 MHz
C
LOAD = 30 pF
48
mA
> 8 MHz and < 16 MHz
5.5
10
mA
> 16 MHz and < 35 MHz
24
41
mA
> 35 MHz
58
mA
< 8 MHz
C
LOAD = 50 pF
611
mA
> 8 MHz and < 16 MHz
711
mA
> 16 MHz and < 35 MHz
30
51
mA
> 35 MHz
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.


Número de pieza similar - SM7720GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM7720GEV PLETRONICS-SM7720GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7720GEX PLETRONICS-SM7720GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7720GV PLETRONICS-SM7720GV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7720GX PLETRONICS-SM7720GX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
More results

Descripción similar - SM7720GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pletronics, Inc.
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
SM7645HEW PLETRONICS-SM7645HEW Datasheet
202Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TW-750M-T250 PLETRONICS-SM5545TW-750M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com