Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN7476N Datasheet(PDF) 7 Page - Texas Instruments |
|
SN7476N Datasheet(HTML) 7 Page - Texas Instruments |
7 / 13 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9557501QEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 5962-9557501QFA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC 5962-9557501QFA ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC 7601301EA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC 7601301EA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC JM38510/00204BEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC JM38510/00204BEA ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN5476J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN5476J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54LS76AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN54LS76AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SN7476N OBSOLETE PDIP N 16 TBD Call TI Call TI SN7476N OBSOLETE PDIP N 16 TBD Call TI Call TI SN7476N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN7476N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS76AD OBSOLETE SOIC D 16 TBD Call TI Call TI SN74LS76AD OBSOLETE SOIC D 16 TBD Call TI Call TI SN74LS76ADR OBSOLETE SOIC D 16 TBD Call TI Call TI SN74LS76ADR OBSOLETE SOIC D 16 TBD Call TI Call TI SN74LS76AN OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS76AN OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS76AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS76AN3 OBSOLETE PDIP N 16 TBD Call TI Call TI SNJ5476J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ5476J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ5476W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ5476W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS76AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS76AJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS76AW ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54LS76AW ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |
Número de pieza similar - SN7476N |
|
Descripción similar - SN7476N |