Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74ABT18640DGG Datasheet(PDF) 9 Page - Texas Instruments |
|
SN74ABT18640DGG Datasheet(HTML) 9 Page - Texas Instruments |
9 / 30 page SN54ABT18640, SN74ABT18640 SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS SCBS267C – FEBRUARY 1994 – REVISED JULY 1996 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 boundary-scan register (continued) When external data is to be captured, the BSCs for signals 1OEA, 2OEA, 1OEB, and 2OEB capture logic values determined by the following positive-logic equations: 1OEA + 1OE • 1DIR,2OEA + 2OE • 2DIR,1OEB + 1OE • DIR, and 2OEB + 2OE • DIR When data is to be applied externally, these BSCs control the drive state (active or high impedance) of their respective outputs. The BSR order of scan is from TDI through bits 43–0 to TDO. Table 1 shows the BSR bits and their associated device pin signals. Table 1. Boundary-Scan Register Configuration BSR BIT NUMBER DEVICE SIGNAL BSR BIT NUMBER DEVICE SIGNAL BSR BIT NUMBER DEVICE SIGNAL BSR BIT NUMBER DEVICE SIGNAL BSR BIT NUMBER DEVICE SIGNAL 43 2OEB 35 2A9-I/O 26 1A9-I/O 17 2B9-I/O 8 1B9-I/O 42 1OEB 34 2A8-I/O 25 1A8-I/O 16 2B8-I/O 7 1B8-I/O 41 2OEA 33 2A7-I/O 24 1A7-I/O 15 2B7-I/O 6 1B7-I/O 40 1OEA 32 2A6-I/O 23 1A6-I/O 14 2B6-I/O 5 1B6-I/O 39 2DIR 31 2A5-I/O 22 1A5-I/O 13 2B5-I/O 4 1B5-I/O 38 1DIR 30 2A4-I/O 21 1A4-I/O 12 2B4-I/O 3 1B4-I/O 37 2OE 29 2A3-I/O 20 1A3-I/O 11 2B3-I/O 2 1B3-I/O 36 1OE 28 2A2-I/O 19 1A2-I/O 10 2B2-I/O 1 1B2-I/O –– –– 27 2A1-I/O 18 1A1-I/O 9 2B1-I/O 0 1B1-I/O boundary-control register The boundary-control register (BCR) is three bits long. The BCR is used in the context of the boundary-run test (RUNT) instruction to implement additional test operations not included in the basic SCOPE ™ instruction set. Such operations include PRPG, PSA, and binary count up (COUNT). Table 4 shows the test operations that are decoded by the BCR. During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is reset to the binary value 010, which selects the PSA test operation. The BCR order of scan is shown in Figure 3. Bit 0 (LSB) TDO TDI Bit 1 Bit 2 (MSB) Figure 3. Boundary-Control Register Order of Scan bypass register The bypass register is a 1-bit scan path that can be selected to shorten the length of the system scan path, reducing the number of bits per test pattern that must be applied to complete a test operation. During Capture-DR, the bypass register captures a logic 0. The bypass register order of scan is shown in Figure 4. Bit 0 TDO TDI Figure 4. Bypass Register Order of Scan |
Número de pieza similar - SN74ABT18640DGG |
|
Descripción similar - SN74ABT18640DGG |