Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSB-COB6119SYW Datasheet(PDF) 1 Page - LUMEX INC.

No. de pieza SSB-COB6119SYW
Descripción Electrónicos  61mm x 40mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 590mm SUPER YELLOW, 22 CHIPS, 4.2V 110mA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMEX [LUMEX INC.]
Página de inicio  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSB-COB6119SYW Datasheet(HTML) 1 Page - LUMEX INC.

  SSB-COB6119SYW Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Número de pieza similar - SSB-COB6119SYW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SSB-COB6119SYW ETC2-SSB-COB6119SYW Datasheet
50Kb / 1P
   61mm x 40mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 590NM SUPER YELLOW
More results

Descripción similar - SSB-COB6119SYW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SSB-COB6119SYW ETC2-SSB-COB6119SYW Datasheet
50Kb / 1P
   61mm x 40mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 590NM SUPER YELLOW
logo
LUMEX INC.
SSB-COB6119GW LUMEX-SSB-COB6119GW Datasheet
49Kb / 1P
   61mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN, 22CHIPS, 4.2V 110mA
SSB-COB6631GW LUMEX-SSB-COB6631GW Datasheet
53Kb / 1P
   66mm x 31mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN, 53 CHIPS, 4.2V 110mA
SSB-COB7540GW LUMEX-SSB-COB7540GW Datasheet
52Kb / 1P
   75mm x 40mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN 72 CHIPS, 4.2V, 360mA
SSB-COB13340GW LUMEX-SSB-COB13340GW Datasheet
53Kb / 1P
   133mm x 40mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN, 132 CHIPS, 4.2V 660mA
SSB-COB13340SYW-B LUMEX-SSB-COB13340SYW-B Datasheet
54Kb / 1P
   133mm x 40mm V.A. SUPER YELLOW LED BACKLIGHT, CHIPS ON BOARD, 132 CHIPS, 4.2V 660mA
logo
List of Unclassifed Man...
SSB-COB13340SYW-B ETC2-SSB-COB13340SYW-B Datasheet
54Kb / 1P
   133mm x 40mm V.A. SUPER YELLOW LED BACKLIGHT CHIPS ON BOARD, 132 CHIPS, 4.2V 660mA
SSB-COB3816GW ETC2-SSB-COB3816GW Datasheet
52Kb / 1P
   38mm x 16mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green, 14 chips, 4.2v
logo
LUMEX INC.
SSB-COB15618GW LUMEX-SSB-COB15618GW Datasheet
52Kb / 1P
   156mm x 18mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 62 CHIPS, 565mm, 4.2V 310mA
SSB-COB7248GW LUMEX-SSB-COB7248GW Datasheet
51Kb / 1P
   72mm x 48mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 84 CHIPS, 565mm REEN CHIPS, 4.2V 420mA
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com