Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA1782T Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TEA1782T
Descripción Electrónicos  GreenChip PC secondary control ICs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1782T Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA1782T Datasheet HTML 1Page - NXP Semiconductors TEA1782T Datasheet HTML 2Page - NXP Semiconductors TEA1782T Datasheet HTML 3Page - NXP Semiconductors TEA1782T Datasheet HTML 4Page - NXP Semiconductors TEA1782T Datasheet HTML 5Page - NXP Semiconductors TEA1782T Datasheet HTML 6Page - NXP Semiconductors TEA1782T Datasheet HTML 7Page - NXP Semiconductors TEA1782T Datasheet HTML 8Page - NXP Semiconductors TEA1782T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TEA1781_82_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 13 February 2009
3 of 32
NXP Semiconductors
TEA1781T; TEA1782T
GreenChip PC secondary control ICs
5.
Block diagram
Fig 1.
TEA1781T block diagram
PGOOD
start
Vref(3V3)
start
Vref(5V)
td
QR
S
Vref(5V)
Vovp(VOUT_5V)
Vuvp(VOUT_5V)
Vref(OCP)
Iocp
I-control 5 V
Control 3.3 V
Vref(3V3)
I-control 3.3 V
II
Protection 5 V
IO > Iocp
Vovp(VOUT_3V3)
IO
IO
Protection
3.3 V
IO > Iocp
VDD
Soft Start
QR
S
Vuvp(VOUT_3V3)
VDD
Pull-down
Start-up
Enable
Temperature
protection
PowerGood
PowerOK
Vtrip(ENABLE)
Votp
Control 5 V
Drive SR
Drive 5 V
Drive
3.3 V
VSENSE_3V3
VSTARTUP
VDD
GND
GND
V/I
014aaa181
V/I
V/I
28
2
3
6
6
8
7
1
26 27
11 12
24
20
23 25 17 16
21
19
13
14
15
4
18
22
10
9
IENABLE
Vreg(VDD)
Vtrip
Ipd
Ipd


Número de pieza similar - TEA1782T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1703T NXP-TEA1703T Datasheet
231Kb / 15P
   GreenChip SMPS standby control IC
Rev. 2.3-28 April 2011
TEA1703TS PHILIPS-TEA1703TS Datasheet
342Kb / 15P
   GreenChip SMPS standby control IC
Rev. 1-7 June 2012
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1708T PHILIPS-TEA1708T Datasheet
116Kb / 11P
   GreenChip X capacitor discharge IC
Rev. 1-25 September 2013
TEA1708T NXP-TEA1708T Datasheet
210Kb / 12P
   GreenChip X capacitor discharge IC
Rev. 1.1 ??6 April 2020
More results

Descripción similar - TEA1782T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TEA1771 PHILIPS-TEA1771 Datasheet
142Kb / 25P
   GreenChip PC primary control IC
Rev. 01-6 February 2009
logo
Fairchild Semiconductor
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
Renesas Technology Corp
M62235P RENESAS-M62235P Datasheet
1Mb / 4P
   Standard Linear ICs Switching power supply secondary side control
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com