Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADCDS-1405 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

No. de pieza ADCDS-1405
Descripción Electrónicos  14-Bit, 5 Megapixels/Second, CCD Signal Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1405 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  ADCDS-1405 Datasheet HTML 1Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 2Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1405 Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TECHNICAL NOTES
1. Obtaining fully specified performance from the
ADCDS-1405 requires careful attention to pc-card layout and power
supply decoupling. The device's analog and digital grounds are
connected to each other internally. Depending on the level of digital
switching noise in the overall CCD system, the performance of the AD-
CDS-1405 may be improved by connecting all ground pins (7,32,33,35,
37) to a large analog ground plane beneath the package. The use of a
single +5V analog supply for both the +5VA (pin 36) and +5VD (pin 34)
may also be beneficial.
2. Bypass all power supplies to ground with a 4.7µf tantalum capacitor in
parallel with a 0.1µf ceramic capacitor. Locate the capacitors as close
to the package as possible.
3. If using the suggested offset and gain adjust circuits
(Figure 3 & 5), place them as close to the ADCDS-1405's package as
possible.
4. A0 and A1 (pins 30, 31) should be bypassed with 0.1µf capacitors to
ground to reduce susceptibility to noise.
ADCDS-1405 Modes of Operation
The input amplifier stage of the ADCDS-1405 provides the designer with
a tremendous amount of flexibility. The architecture of the ADCDS-1405
allows its input-amplifier to be configured in any of the following
configurations:
• Direct Mode (AC coupled)
• Non-Inverting Mode
• Inverting Mode
When applying inputs which are less than 2.8Vp-p, a coarse gain
adjustment (applying an external resistor to pin 4) must be performed to
ensure that the full scale video input signal (saturated signal) produces a
2.8Vp-p signal at the input-amplifier's output (Vout).
In all three modes of operation, the video portion of the signal at the CDS
input (i.e. input-amplifier's Vout) must be more negative than its associated
reference level and Vout should
not exceed ±2.8V DC.
The ADCDS-1405 achieves it specified accuracies without the need for
Figure 2a.
Figure 2b.
4
3
5
75
523
VIN
NO CONNECT
VOUT = 2.8Vp-p
5k
0.01µF
Rext
4
3
5
75
523
VIN
NO CONNECT
VOUT = 2.8Vp-p
5k
0.01µF
Rext
Figure 2c.
4
3
5
75
523
VIN
NO CONNECT
VOUT = 2.8Vp-p
5k
0.01µF
POWER REQUIREMENTS
MIN.
TYP.
MAX.
UNITS
Power Supply Current
+12V Supply
+20
+26
mA
Power Supply Current
-5V Supply
+5V Supply
-40
+50
-45
+56
mA
mA
Power Dissipation
0.7
0.9
Watts
Power Supply Rejection
(5%) @ +25°C
±0.04
±0.06
%FSR/%V
ENVIRONMENTAL
Operating Temperature Range
ADCDS-1405
0
+70
°C
ADCDS-1405EX
–55
+100
°C
Storage Temperature
–65
+150
°C
Package Type
40-pin, TDIP
Weight
16.10 grams
external calibration. If required, the device's small initial offset and gain
errors can be reduced to zero using the FINE GAIN ADJUST (pin1) and
OFFSET ADJUST (pin 2) features.
Direct Mode (AC Coupled)
This is the most common input configuration as it allows the
ADCDS-1405 to interface directly to the output of the CCD with a
minimum amount of analog "front-end" circuitry. This mode of operation
is used with full-scale video input signals from 0.350Vp-p to 2.8Vp-p.
Figure 2a. describes the typical configuration for applications using a
video input signal with a maximum amplitude of 0.350Vp-p. The coarse
gain of the input amplifier is determined from the following equation:
VOUT = 2.8Vp-p = VIN*(1+(523/75)), with all internal resistors having
a 1% tolerance. Additional fine gain adjustment can be accomplished
using the Fine Gain Adjust (pin 1 see Figure 5).
Figure 2b. describes the typical configuration for applications using a
video input signal with an amplitude greater than 0.350Vp-p and less
than 2.8Vp-p. Using a single external series resistor (see Figure 4.), the
coarse gain of the ADCDS-1405 can be set, with additional fine gain
adjustments being made using the Fine Gain Adjust function (pin 1 see
Figure 5). The coarse gain of the input amplifier can be determined from
the following equation:
VOUT = 2.8Vp-p = VIN*(1+(523/(75+Rext))), with all internal resistors
having a 1% tolerance.
ADCDS-1405
14-Bit, 5 Megapixels/Second, CCD Signal Processor
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_ADCDS-1405.B02 Page 3 of 9


Número de pieza similar - ADCDS-1405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1405 DATEL-ADCDS-1405 Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1405-C DATEL-ADCDS-1405-C Datasheet
101Kb / 1P
   Electronic Imaging
logo
Murata Manufacturing Co...
ADCDS-1405EX MURATA-ADCDS-1405EX Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1405EX DATEL-ADCDS-1405EX Datasheet
101Kb / 1P
   Electronic Imaging
More results

Descripción similar - ADCDS-1405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1603 MURATA-PS-ADCDS-1603 Datasheet
353Kb / 11P
   16-Bit, 2.3 Megapixels/Second CCD Signal Processor
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
   14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
   14-Bit CCD/CIS Signal Processor
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
   14-Bit CCD/CIS Analog Signal Processor
logo
Analog Devices
AD9822 AD-AD9822_15 Datasheet
474Kb / 20P
   Complete 14-Bit CCD/CIS Signal Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com