Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSD-1402 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

No. de pieza ADSD-1402
Descripción Electrónicos  Dual, 14-Bit, 2MSPS Sampling A/D Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADSD-1402 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  ADSD-1402 Datasheet HTML 1Page - Murata Power Solutions Inc. ADSD-1402 Datasheet HTML 2Page - Murata Power Solutions Inc. ADSD-1402 Datasheet HTML 3Page - Murata Power Solutions Inc. ADSD-1402 Datasheet HTML 4Page - Murata Power Solutions Inc. ADSD-1402 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
®®
ADSD-1402
4
THERMAL REQUIREMENTS
The ADSD-1402 sampling A/D converter is fully characterized
and specified over the commercial operating temperature
(ambient) range of 0 to +70°C (MC suffix) and military
temperature range of –55 to +125°C (MM suffix). All room-
temperature (TA = +25°C) production testing is performed
without the use of heat sinks or forced-air cooling. Thermal
impedance figures for each device are listed in their
respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should be
used to ensure devices do not overheat. The ground and power
planes beneath the package, as well as all pcb signal runs to
and from the device, should be as heavy as possible to help
conduct heat away from the package. Electrically-insulating,
thermally-conductive "pads" may be installed underneath the
package. Devices should be soldered to boards rather than
"socketed", and of course, minimal air flow over the surface can
greatly help reduce the package temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number.
Request DATEL Application Note AN-8, "Heat Sinks for DIP
Data Converters", or contact DATEL directly, for additional
information.
Figure 3. ADSD-1402 Connection Diagram
Notes:
➀ Recommended to use same supply source for +5 Analog and +5 Digital. Try using as clean of a supply as possible (Bypass caps., 10uF and .1uF).
➁ Outputs are enabled by either turning ENABLE A (Pin 10) or ENABLE B
(Pin 31) low for prespective analog inputs A or B. A high on ENABLE A or ENABLE B results in disabling the output bus (High Z).
A D S D - 1 4 0 2
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
1 9
1 8
1 7
1 6
1 5
1 4
1 3
B I T 1 ( M S B )
B I T 2
B I T 3
B I T 4
B I T 5
B I T 6
B I T 7
B I T 8
B I T 9
B I T 1 0
B I T 1 1
B I T 1 2
B I T 1 3
B I T 1 4 ( L S B )
0 . 1 µ F
S t a r t A
7
6
1 1
5
3 1
E n a b l e B
3 4 , 3 5
1 0 u F
. 1 u F
– 5 V
1 0 u F
. 1 u F
+ 5 V
9 , 3 2
2 , 1 2 , 3 9
E n a b l e A 1 0
S W 1
+ 5 V
S W 2
S t a r t B
3 0
1 0 K
1 0 K
1 0 K
1 0 K
– 5 V
+ 5 V
I n p u t A
I n p u t B
3 , 8 , 2 0 , 2 1 , 3 3 , 3 8 G N D
1
4 0
4 G a i n A
I n B
I n A
2 . 5 V R E F .
R a n g e
O f f s e t A
3 6 O f f s e t B
3 7 G a i n B
1 0 u F
N / C
E O C
R 1
R 2
R 3
R 4
+ 5 V
See timing diagram for details.


Número de pieza similar - ADSD-1402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DATEL, Inc.
ADSD-1402MC DATEL-ADSD-1402MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADSD-1402MC-C DATEL-ADSD-1402MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADSD-1402ME DATEL-ADSD-1402ME Datasheet
105Kb / 1P
   Sampling A/D Converters
ADSD-1402ME-C DATEL-ADSD-1402ME-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADSD-1402MM DATEL-ADSD-1402MM Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Descripción similar - ADSD-1402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Power Solutions ...
ADSD-1402S MURATA-PS-ADSD-1402S Datasheet
170Kb / 5P
   Dual, 14-Bit, 2MSPS Sampling A/D Converter
logo
Delta Electronics, Inc.
ADSD1420S DELTA-ADSD1420S Datasheet
346Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1410S MURATA-PS-ADSD-1410S Datasheet
170Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
C&D Technologies
ADSD-1410S CANDD-ADSD-1410S Datasheet
134Kb / 5P
   Dual 14-Bit, 10MSPS Sampling A/D Converter
logo
Murata Power Solutions ...
ADSD-1420S MURATA-PS-ADSD-1420S Datasheet
117Kb / 5P
   Dual 14-Bit, 20MSPS Sampling A/D Converter
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Murata Power Solutions ...
ADSQ-1410 MURATA-PS-ADSQ-1410 Datasheet
388Kb / 11P
   Quad 14-Bit, 10 MSPS Sampling A/D Converter
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com