Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLV-3.3 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

No. de pieza DLV-3.3
Descripción Electrónicos  Dual Output Mixed Voltage, DLV Models
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DLV-3.3 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  DLV-3.3 Datasheet HTML 1Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 2Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 3Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 4Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 5Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
13A/37W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
DLV Series
Physical
Dimensions
2" x 2" x 0.5" (50.8 x 50.8 x 12.7mm)
Case Material
Diallyl phthalate, UL94V-0 rated
Pin Material
Brass, solder coated
Weight:
TBD
Primary to Secondary Insulation Level Operational
Absolute Maximum Ratings
Input Voltage:
Continuous:
D12 Models
23 Volts
D2A Models
42 Volts
D48 Models
81 Volts
Transient (100msec): D12 Models
25 Volts
D24 Models
50 Volts
D48 Models
100 Volts
Input Reverse-Polarity Protection
Input Current must be limited. TBD
minute duration. Fusing recommended.
D12A Models
6 Amps
D24A Models
4 Amps
D48A Models
2 Amps
Output Current
Current limited. Devices can withstand
an indefinite output short circuit.
On/Off Control (Pin 4) Max. Voltages
Referenced to –Input (pin 2)
No Suffix
+VIN
"N" Suffix
+8 Volts
Sync Control (Pin 3) Max. Voltages
"S" Suffix
+5.7 Volts
Storage Temperature
–40 to +120°C
Lead Temperature (Soldering, 10 sec.)
+300°C
These are stress ratings. Exposure of devices to any of these conditions may adversely
affect long-term reliability. Proper operation under conditions other than those listed in the
Performance/Functional Specifications Table is not implied, nor recommended.
4
Figure 2. Trim Connections Using A Trim Pot
Figure 3. Trim Connections To Decrease Output Voltages Using Fixed Resistors
➀ All models are specified with external TBD ceramic output capacitors.
➁ See Technical Notes/Graphs for details.
➂ Devices may be order with opposite polarity. See Part Number Suffixes and Technical Notes
for details.
➃ Applying a voltage to On/Off Control (pin 4) when no input power is applied to the converter
may cause permanent damage.
➄ Output noise may be further reduced with the installation of additional external output
capacitors. See Technical Notes.
➅ On/Off control is designed to be driven with open collector or by appropriate voltage
levels. Voltages must be referenced to the –Input (pin 2).
➆ Demonstrated MTBF available on request.
➇ Trim function for the higher of two voltages available with "T" suffix. See Part Number
Suffixes and Technical Notes for details.
+3.3V
LOAD
–INPUT
ON/OFF
CONTROL
+INPUT
+3.3V OUTPUT
OUTPUT
RETURN
+2.5V OUTPUT
+2.5V TRIM
7
8
1
4
9
5
6
3
2
+2.5V
LOAD
20k
Ω
5-22
TURNS
20k
Ω
5-22
TURNS
+3.3V TRIM *
SYNC *
* OPTIONAL PIN
+3.3V
LOAD
–INPUT
ON/OFF
CONTROL
+INPUT
+3.3V OUTPUT
OUTPUT
RETURN
+2.5V OUTPUT
+2.5V TRIM
7
8
1
4
9
5
6
3
2
+2.5V
LOAD
RTRIM DOWN
RTRIM DOWN
+3.3V TRIM *
SYNC *
* OPTIONAL PIN
TECHNICAL NOTES
Trimming Output Voltages
These DLV converters have a trim capability (pins 9 & 5) that allow users
to independently adjust the output voltages ±5%. (Note: pin 5 is an option,
see ordering information.) Adjustments to the output voltages can be accom-
plished via a trim pot, Figure 2, or a single fixed resistor as shown in Figures
3 and 4. A single fixed resistor can increase or decrease the output voltage
depending on its connection. Fixed resistors should have absolute TCR's less
than 100ppm/°C to minimize sensitivity to changes in temperature.
A single resistor connected from the Trim pin 9 to +Output (pin 8), see Figure
3, will decrease the lower output voltage. A resistor connected from Trim pin 9
to Output Return (pin 7) will increase the lower output voltage. See Figure 4.
Similarly, the higher output voltage can be adjusted using a single resistor
connected from the Trim (pin 5) to +Output (pin 6) or to Output Return (pin
7). See Figures 3 and 4.
–25.5
DOWN
RT
(k
Ω) =
3.3 – VO
3.48(VO – 1.577)
L
N
–17.4
DOWN
RT
(k
Ω) =
2.5 – VO
2.41(VO – 1.18)
L
N
2.5 Volt Trim Down
–14.17
DOWN
RT
(k
Ω) =
1.8 – VO
1.73(VO – 0.86)
L
N
1.8 Volt Trim Down
3.3 Volt Trim Down
On/Off Control
The primary-side, remote On/Off Control function (pin 4) can be specified to
operate with either positive or negative polarity. Positive polarity devices (no
suffix) are enabled when pin 4 is left open or pulled high (+TBDV to +TBDV
with respect to –Input). Positive polarity devices are disabled when pin 4 is
pulled low (0-0.8V with respect to –Input). Negative polarity devices are off
when pin 4 is high/open and on when pin 2 is pulled low.
For applications where power sequencing is critical, the DLV series can be
configured such that the On/Off Control pin will enable/disable only the higher
of the two output voltages. Contact DATEL for more information.


Número de pieza similar - DLV-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DLV60 ETC2-DLV60 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
Advantech Co., Ltd.
DLV6210-7PE11CWF0 ADVANTECH-DLV6210-7PE11CWF0 Datasheet
350Kb / 2P
   Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
DLV6210-7PL100WF0 ADVANTECH-DLV6210-7PL100WF0 Datasheet
350Kb / 2P
   Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
DLV6210-8PE110WF0 ADVANTECH-DLV6210-8PE110WF0 Datasheet
350Kb / 2P
   Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
DLV6210-8PE11LWF0 ADVANTECH-DLV6210-8PE11LWF0 Datasheet
350Kb / 2P
   Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
More results

Descripción similar - DLV-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
All Sensors Corporation
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com