Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM-4101N-1 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

No. de pieza DM-4101N-1
Descripción Electrónicos  Range Change Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DM-4101N-1 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  DM-4101N-1 Datasheet HTML 1Page - Murata Power Solutions Inc. DM-4101N-1 Datasheet HTML 2Page - Murata Power Solutions Inc. DM-4101N-1 Datasheet HTML 3Page - Murata Power Solutions Inc. DM-4101N-1 Datasheet HTML 4Page - Murata Power Solutions Inc. DM-4101N-1 Datasheet HTML 5Page - Murata Power Solutions Inc. DM-4101N-1 Datasheet HTML 6Page - Murata Power Solutions Inc. DM-4101N-1 Datasheet HTML 7Page - Murata Power Solutions Inc. DM-4101N-1 Datasheet HTML 8Page - Murata Power Solutions Inc. DM-4101N-1 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email:sales@datel.com • Internet: www.datel.com
Range Change Kit
For DM-3000 and DM-4000
Series Panel Meters
PANEL METER RANGE CHANGE KIT
Part No. RN-3100/4100
PURPOSE
This kit contains all the components necessary to modify DATEL panel meters such that they accept signal inputs
other than the standard ±2.0V range. This kit will modify the following panel meter models:
DM-3100N-1
DM-3101-1
DM-4100D-1
DM-3100Ul-1
DM-3100B-1
DM-4101D-1
DM-3100U2-1
DM-3100L-1
DM-4101N-1
DM-3100U3-1
DM-3100X -1
DM-4105-1
DM-31003-1
DM-3104 -1
DM-4200-1
DM-410lL-1
Using the components in this kit, these panel meter models can be modified to accept any one of the following
signal ranges:
±200mVdc
±20Vdc
±200Vdc
±200mA
±20mA
±2mA
±200µA
There is one exception: 4½ DIGIT PANEL METERS (ANY OF THE MODELS WHOSE SUFFIX BEGINS
WITH A “4”) CANNOT BE MODIFIED FOR THE ±200mV RANGE.
MAKING THE MODIFICATION
Making a range change modification is a relatively simply procedure, however, familiarity with proper soldering
techniques is required. When handling the panel meter printed circuit boards, care should be taken to avoid a dis-
charge of static electricity which could damage the meter’s sensitive CMOS circuits. A grounding wrist strap should
be worn when handling the PC boards.
To make a range change modification, follow these steps:
1. Locate your panel meter model and the desired range in the tables below. Note that the 200mV range is the only
range which requires different components depending on the meter model.
INNOVATION and EXCELLENCE
®
®
Obsolete
Product
Not available
for sale


Número de pieza similar - DM-4101N-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DM-4101N-1 ETC1-DM-4101N-1 Datasheet
215Kb / 5P
   4 1/2 Digit Differential LED Digital Panel Meter
More results

Descripción similar - DM-4101N-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
HTEV800 PHILIPS-HTEV800 Datasheet
46Kb / 8P
   HITAG long range evaluation kit
2001 Sep 24
logo
Molex Electronics Ltd.
0011201163 MOLEX11-0011201163 Datasheet
156Kb / 4P
   CHANGE PART KIT FOR 71522 CONN
0690081099 MOLEX11-0690081099 Datasheet
39Kb / 1P
   Conversion Kit for 0690081080, Change to 0690081090 Parallel Action Handtool
logo
Silicon Laboratories
SLWRB4206A SILABS-SLWRB4206A Datasheet
2Mb / 32P
   UG476: Z-Wave 700 - EFR32ZG14 Long Range Wireless Starter Kit
Rev. 1.0
SLWSTK6050B SILABS-SLWSTK6050B Datasheet
2Mb / 35P
   UG477: Z-Wave 700 ZGM130S Long Range Wireless Starter Kit
Rev. 1.0
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
   KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
   Kit
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
   SUPPORT ANGLE KIT, CHASSIS KIT
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com