Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS_CPCI-D-3U-300C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

No. de pieza TPS_CPCI-D-3U-300C
Descripción Electrónicos  300W 3Ux8HP DC/DC CompactPCI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TPS_CPCI-D-3U-300C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  TPS_CPCI-D-3U-300C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TPS_CPCI-D-3U-300C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TPS_CPCI-D-3U-300C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TPS_CPCI-D-3U-300C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.murata-ps.com
cPCI-D-3U-300C Series
300W 3Ux8HP DC/DC CompactPCI™
cPCI-D-3U-300C.A01 Page 3 of 4
ELECTROMAGNETIC COMPATIBILITY (EMC)
Characteristic
Compliance
Input Current Harmonics
EN61000-3-2
Conducted & Radiated Emissions
EN55022/CISPR22 Class B, with external line filter
Electrostatic Discharge (ESD)
EN61000-4-2, Level 4, 8kV air
Radiated Immunity
EN61000-4-3, Level 3, 10V/m
Conducted Immunity
EN61000-4-4, Level 3, ±2kV
Line Voltage Surge
EN61000-4-5, Level 3, line-to-line 1kV line to chassis 2kV
Conducted Disturbance
EN61000-4-6, Level 2, 3Vrms
Power Frequency Magetic Field
EN61000-4-8, 3A/m
Line Voltage Interruptions
EN61000-4-11
CERTIFICATIONS
Agency/Characteristic PENDING
Standard
UL
UL60950-1
CSA
CSA C22.2-234, Level 3 (per cUL)
CE
EN-60950, Class 1, SELV CE-Mark
RoHS
EN Directive 2002/95/EC; self-certified
SAFETY AGENCY RATINGS
Input Voltage
36-72Vdc
Input Current
12A
MECHANICAL DIMENSIONS
Overall size: 169.6mm D x 128.6mm H x 40.3mm W (6.68” D x 5.06” H x 1.59” W)
FORCED COOLING AIR
169.60
94.00
6.43
1.60
2.50
128.60
100.00
40.34
17.63
CL
3.10
POWER
FAULT


Número de pieza similar - TPS_CPCI-D-3U-300C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-A-3U-300C MURATA-TPS_CPCI-A-3U-300C Datasheet
132Kb / 4P
   300W 3Ux8HP AC/DC CompactPCI
More results

Descripción similar - TPS_CPCI-D-3U-300C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
TPS_CPCI-A-3U-300C MURATA-TPS_CPCI-A-3U-300C Datasheet
132Kb / 4P
   300W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
   300W DC/DC
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
   300W DC-DC Converter
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
   300W DC-DC CONVERTER
June 1994
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
   300W DC-DC Converter
FA12S24-300 WALL-FA12S24-300 Datasheet
324Kb / 14P
   300W DC-DC Converter
FA12S15-300 WALL-FA12S15-300 Datasheet
637Kb / 14P
   300W DC-DC Converter
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com