Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM-410LL Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

No. de pieza DM-410LL
Descripción Electrónicos  Range Change Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA-PS [Murata Power Solutions Inc.]
Página de inicio  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DM-410LL Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DM-410LL Datasheet HTML 1Page - Murata Power Solutions Inc. DM-410LL Datasheet HTML 2Page - Murata Power Solutions Inc. DM-410LL Datasheet HTML 3Page - Murata Power Solutions Inc. DM-410LL Datasheet HTML 4Page - Murata Power Solutions Inc. DM-410LL Datasheet HTML 5Page - Murata Power Solutions Inc. DM-410LL Datasheet HTML 6Page - Murata Power Solutions Inc. DM-410LL Datasheet HTML 7Page - Murata Power Solutions Inc. DM-410LL Datasheet HTML 8Page - Murata Power Solutions Inc. DM-410LL Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
P ANEL
METER
RANGE
CHANGE
KIT
2
RN-3100/-4100
20V
R1=4.22M
R2=464K
SGl=OPEN*
200V
R1=4.22M
R2=42.2K
SGl=OPEN*
200mA
R2=10
20mA
R2=100
2mA
R2=1K
200µA
R2=10K
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
R5=46.4K
R5=46.4K
R5=46.4K
R5=46.4K
R5=46.4K
R7=46.4K
R7=46.4K
R5=46.4K
R5=46.4K
R5=46.4K
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R9=6.65K
R10=50 pot.
Rll=75
R9=6.65K
R10=50 pot.
Rll=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
DM-3100N
DM-3100Ul
DM-3100U2
DM-3100U3
DM-3101
DM-3100B
DM-3104
DM-3100L
DM-3103
DM-3100X
2) Locate the loose components in this kit which will be required to change your particular meter to the desired range.
In the tables above, components prefaced with "C" are capacitors, resistors are listed with an "R" followed by the
resistance value in Ohms, and potentiometers are indicated by the abbreviation "pot". Solder gaps are denoted by
"SG".
3) Open the meter’s case to gain access to the printed circuit board. Low profile models are opened by snapping off the
rear panel, using a screwdriver to carefully depress the retaining tabs located on the sides of the meter. Access to
short-depth models is achieved by removing the cotter pin at the rear of the meter, snapping off the front bezel, and
sliding the PC board forward.
4) Compare the PC board to the assembly drawing for that model as given in this document. Locate the component and
solder gap locations which pertain to the desired modification. Note that some component locations will have no
component installed. For example, Rl and R2 locations for all models do not have components installed.
5) Remove and replace components as necessary to achieve the desired modification. NOTE: WHEN MODIFYING
UNITS TO THE 200V RANGE, IT IS RECOMMENDED THAT THE OPEN SOLDER GAP SG1 BE COV-
ERED WITH CONFORMAL COATING.
6) After reassembling the unit, you may need to recalibrate the meter. This procedure is described in each meter’s
data sheet. A generalized calibration procedure is as follows:
a) Power-on the meter and allow it to warm up for ten minutes.
b) Using a precision voltage source, provide a near full-scale positive signal to the meter’s inputs.
c) Adjust the meter’s gain potentiometer (located at the rear) until the display is correct.
d) Reverse the polarity of the signal input and check the meter’s reading.
REPAIR RETURNS
When returning a modified meter to DATEL for repair, the unit must be restored to its orignal ±2V input configuration
prior to return. Damage to the meter caused by improper modification will void the unit’s warranty.
MODEL
200mV RANGE MODIFICATION
*For DM-4105/4106, Open SG4 (Leave SGl Closed).
TABLE 2: 200mV RANGE CHANGE MODIFICATIONS
TABLE 1: RANGE CHANGE MODIFICATIONS APPLICABLE TO ALL MODELS
RANGE
MODIFICATION


Número de pieza similar - DM-410LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
DM-4101L ETC2-DM-4101L Datasheet
242Kb / 6P
   4 1/2-Digit DPM with BCD Outputs
DM-4101L-1 ETC2-DM-4101L-1 Datasheet
242Kb / 6P
   4 1/2-Digit DPM with BCD Outputs
DM-4101N ETC1-DM-4101N Datasheet
215Kb / 5P
   4 1/2 Digit Differential LED Digital Panel Meter
DM-4101N-1 ETC1-DM-4101N-1 Datasheet
215Kb / 5P
   4 1/2 Digit Differential LED Digital Panel Meter
DM-4105 ETC1-DM-4105 Datasheet
454Kb / 6P
   4-1/2-Digit, Differential LCD Display with Data Outputs
More results

Descripción similar - DM-410LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
HTEV800 PHILIPS-HTEV800 Datasheet
46Kb / 8P
   HITAG long range evaluation kit
2001 Sep 24
logo
Molex Electronics Ltd.
0011201163 MOLEX11-0011201163 Datasheet
156Kb / 4P
   CHANGE PART KIT FOR 71522 CONN
0690081099 MOLEX11-0690081099 Datasheet
39Kb / 1P
   Conversion Kit for 0690081080, Change to 0690081090 Parallel Action Handtool
logo
Silicon Laboratories
SLWRB4206A SILABS-SLWRB4206A Datasheet
2Mb / 32P
   UG476: Z-Wave 700 - EFR32ZG14 Long Range Wireless Starter Kit
Rev. 1.0
SLWSTK6050B SILABS-SLWSTK6050B Datasheet
2Mb / 35P
   UG477: Z-Wave 700 ZGM130S Long Range Wireless Starter Kit
Rev. 1.0
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
   KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
   Kit
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
   SUPPORT ANGLE KIT, CHASSIS KIT
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com