Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML-6424 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

No. de pieza ML-6424
Descripción Electrónicos  AM broadcast and industrial heating appli-cations
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CPI [Communications & Power Industries, Inc.]
Página de inicio  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

ML-6424 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  ML-6424 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
industrialOscillator
12,500
3.5
10,000
-1,000
3.3
430
24.4
c
industrialOscillator
12,500
3.5
12,000
-1,000
3.3
430
30.6
c
platemodulatedRFamplifier(telephony)
9,000
2.5
8,500
-1,400
1.8
330
12.1
The ML-6424 and 6424 are medium-Mu triodes
used in AM broadcast and industrial heating appli-
cations. The water cooled anodes in these tubes
are rated at 20 kilowatts.
Ml-6424/6424
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operation, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
20,000 Watts
Screen Dissipation (Max.)
N/A
Grid Dissipation (Max.)
600 Watts
Frequency for Max. rating (CW)
30 MHz
Amplification Factor
20
Filament/Cathode
Thoriated Tungsten
Voltage
7.0 Volts
Current
120 Amps
Capacitance
Grounded Cathode
Input
32 pf
Output (Max.)
2.5 pf
Cgp
26 pf
Capacitance
N/A
Input
pf
Output
pf
Feedthrough
pf
Cooling
Water and Forced Air
Base
Special
Air Socket
N/A
Air Chimney
N/A
Boiler
N/A
Length
15.75 in; 40.0 cm
Diameter
8.125 in; 20.6 cm
Weight
10 lb; 4.5 kg


Número de pieza similar - ML-6424

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Communications & Power ...
ML-6420 CPI-ML-6420 Datasheet
79Kb / 1P
   AM broadcast and industrial heating ap-plications
ML-6421F CPI-ML-6421F Datasheet
79Kb / 1P
   AM broadcast and industrial heating applications
ML-6422 CPI-ML-6422 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6423 CPI-ML-6423 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6425 CPI-ML-6425 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
More results

Descripción similar - ML-6424

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Communications & Power ...
ML-6423 CPI-ML-6423 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6422 CPI-ML-6422 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6427 CPI-ML-6427 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6425 CPI-ML-6425 Datasheet
79Kb / 1P
   AM broadcast and industrial heating appli-cations
ML-6421F CPI-ML-6421F Datasheet
79Kb / 1P
   AM broadcast and industrial heating applications
ML-6426 CPI-ML-6426 Datasheet
80Kb / 1P
   AM broadcast and industrial heating applications
ML-6420 CPI-ML-6420 Datasheet
79Kb / 1P
   AM broadcast and industrial heating ap-plications
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com