Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AS08NSRE4 Datasheet(PDF) 2 Page - Texas Instruments |
|
SN74AS08NSRE4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 14 page SN54ALS08, SN54AS08, SN74ALS08, SN74AS08 QUADRUPLE 2-INPUT POSITIVE-AND GATES SDAS191A – APRIL 1982 – REVISED DECEMBER 1994 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54ALS08 – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ALS08 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. recommended operating conditions SN54ALS08 SN74ALS08 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low level input voltage 0.8‡ 0.8 V VIL Low-level input voltage 0.7§ V IOH High-level output current – 0.4 – 0.4 mA IOL Low-level output current 4 8 mA TA Operating free-air temperature –55 125 0 70 °C ‡ Applies over temperature range – 55 °C to 70°C § Applies over temperature range 70 °C to 125°C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54ALS08 SN74ALS08 UNIT PARAMETER TEST CONDITIONS MIN TYP¶ MAX MIN TYP¶ MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.5 –1.5 V VOH VCC = 4.5 V to 5.5 V, IOH = – 0.4 mA VCC –2 VCC –2 V VOL VCC =4 5V IOL = 4 mA 0.25 0.4 0.25 0.4 V VOL VCC = 4.5 V IOL = 8 mA 0.35 0.5 V II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V – 0.1 – 0.1 mA IO# VCC = 5.5 V, VO = 2.25 V –20 –112 –30 –112 mA ICCH VCC = 5.5 V, VI = 4.5 V 1.3 2.4 1.3 2.4 mA ICCL VCC = 5.5 V, VI = 0 2.2 4 2.2 4 mA ¶ All typical values are at VCC = 5 V, TA = 25°C. # The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. |
Número de pieza similar - SN74AS08NSRE4 |
|
Descripción similar - SN74AS08NSRE4 |