Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AS175BD Datasheet(PDF) 9 Page - Texas Instruments |
|
|
SN74AS175BD Datasheet(HTML) 9 Page - Texas Instruments |
9 / 17 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) (RoHS) SN74ALS175NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS175NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS174D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74AS174DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74AS174DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74AS174DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74AS174N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AS174NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS174NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS175BD ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS175BDE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS175BDR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS175BDRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS175BN ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AS175BNE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AS175BNSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS175BNSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54ALS174FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54ALS174J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54ALS174W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54ALS175FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54ALS175J ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54ALS175W ACTIVE CFP W 16 1 TBD Call TI Level-NC-NC-NC SNJ54AS174FK NRND LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54AS174J NRND CDIP J 16 1 TBD Call TI Level-NC-NC-NC SNJ54AS175BFK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54AS175BJ ACTIVE CDIP J 16 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in PACKAGE OPTION ADDENDUM www.ti.com 5-Dec-2005 Addendum-Page 2 |
Número de pieza similar - SN74AS175BD |
|
Descripción similar - SN74AS175BD |