Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VZU-6991K4 Datasheet(PDF) 3 Page - Communications & Power Industries, Inc.

No. de pieza VZU-6991K4
Descripción Electrónicos  20 Watt TWT Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CPI [Communications & Power Industries, Inc.]
Página de inicio  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZU-6991K4 Datasheet(HTML) 3 Page - Communications & Power Industries, Inc.

  VZU-6991K4 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZU-6991K4 Datasheet HTML 2Page - Communications & Power Industries, Inc. VZU-6991K4 Datasheet HTML 3Page - Communications & Power Industries, Inc. VZU-6991K4 Datasheet HTML 4Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Options
A
Input Isolator: Inserted between the input and the TWT. Input VSWR is reduced to less than 1.5:1.
B
Input RF Attenuator: 20 dB continuous variation of RF gain. This attenuator is connected after the input isolator.
C
Harmonic Filter: Inserted after the output isolator. The amount of filtering depends upon the harmonic frequency relative
to the upper band edge.
Frequency
Attenuation
Relative to upper band edge
(Typical)
0.95
0.35 dB to 18 GHz
1.00
0.35 dB to 8 GHz
0.45 dB to 18 GHz
1.05
3 dB
1.20
30 dB
1.35 and above
60 dB
D
Output Isolator: Inserted immediately following the TWT to isolate it from load mismatches. The result is improved gain
flatness vs. frequency and protection of the TWT. The output VSWR is reduced to 1.5:1 typically. Max. is 2.0:1.
E
RF Output Sample Port: -30 dB nominal directional coupler added at the output following the output isolator (-35 dB
nominal for the VZV 2776K4). It is brought to the front panel via a Type N connector.
F
Chassis Slides
G
Remote Control: Rear Panel connector providing remote control of Mains Power ON/OFF, High Voltage ON/OFF – FAULT
RESET and External Interlock.
Mains Power ON requires +12 volts at 30 mA from an external power supply. High Voltage ON/OFF is a contact closure
to ground. External Interlock is a contact closure which must be closed for the amplifier to operate.
All Front Panel status indications are brought to this connector via open collector transistor outputs to ground rated at
14 Volts max. collector to emitter at 30 mA max.
H
Elapsed Time Meter
J
Rear RF Connectors
K
230 Vac Mains Prime Power
L
Solid State Input Pre-Amplifier: Inserted between the RF attenuator and the TWT. Raises the overall gain so that at least
0 dBm will produce rated power output.
Q
100 Vac Mains Prime Power
U
SMA Adapters
Note 1 The incorporation of all microwave options reduces the overall gain of the amplifier by the sum total of the insertion
losses. (See Table 1.)
Note 2 The incorporation of all microwave options at the output reduces the maximum power delivered to the output
connector by the sum total of the insertion losses. (See Table 1.)
Table 1
Insertion Loss (dB) for Various Microwave Option Configurations
Frequency Range (GHz)
4-8
8-12.4
12.4-18
8-18
4-18
Loss Affects
Pwr Gain
Pwr Gain
Pwr
Gain
Pwr
Gain
Pwr
Gain
Option Description
A
Input Isolator
0.6
0.6
0.6
0.6
2.5
B
RF Gain Adjust
1.0
1.0
1.0
1.5
1.0
C
Harmonic Filter
0.45 0.45
0.45
0.45
0.45
0.45
0.45
0.45
N/A
D
Output Isolator
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
N/A
E
RF Sample Port
0.4
0.4
0.4
0.4
0.6
0.6
0.5
0.5
0.8
0.8
J
Rear Connector
0.4
0.4
0.5
0.5
0.6
0.6
0.6
0.6
0.6
0.6
Note: Characteristics and operating values are based on performance tests. These figures may change without notice as a
result of additional data or product refinement. Please contact CPI before using this information for system design.


Número de pieza similar - VZU-6991K4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Communications & Power ...
VZU-6991K6 CPI-VZU-6991K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
More results

Descripción similar - VZU-6991K4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Communications & Power ...
VZC-6961K6 CPI-VZC-6961K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
VZA-6902J1 CPI-VZA-6902J1 Datasheet
144Kb / 2P
   30 Millimeter TWT Amplifier
T02MO CPI-T02MO Datasheet
148Kb / 2P
   200W Outdoor TWT Amplifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com