Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWDM-1629-48 Datasheet(PDF) 7 Page - Finisar Corporation.

No. de pieza FWDM-1629-48
Descripción Electrónicos  DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FINISAR [Finisar Corporation.]
Página de inicio  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1629-48 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FWDM-1629-48 Datasheet HTML 2Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 3Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 4Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 5Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 6Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 7Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 8Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 9Page - Finisar Corporation. FWDM-1629-48 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FWDM-1629-XX DWDM SFP Preliminary Product Specification – February 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 7
Rev C, February 2005
VI. Wavelength Stabilization
The laser transmitter will not be turned on until its temperature is adjusted to ensure
operation within the specified channel (X +/- 0.4nm). This temperature stabilization time is
dependent on the ambient temperature conditions, but will typically occur within 90
seconds of powering the device. The device will transmit within the specified wavelength
tolerance (X +/- 0.1nm) within 5 seconds of transmitter operation.
VII. General Specifications
VIII. Environmental Specifications
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
Operating Temp
Top
-5
70
°C
Case temperature measured on top-side of
device
Storage Temp
Tsto
-10
85
°C
Ambient temperature
Eye Safety
CDRH and IEC-825 Class 1 Laser
Product. See Note 1
Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to
Laser Notice No. 50, dated July 26, 2001.
Parameter
Symbol
Min
1.25
Max
Units Notes/Conditions
Data Rate
BR
1.06
1.25
Gb/sec Fibre Channel, IEEE 802.3
compatible
Total System Budget
30
32
dB
@ 1.25 Gb/s, BER <10
-12 w/
PRBS 2
-7-1. See Note 1
Note 1: Total system budget is defined as Pout – Pin – typical connector losses.


Número de pieza similar - FWDM-1629-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Descripción similar - FWDM-1629-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Finisar Corporation.
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com