Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FWX-275A Datasheet(PDF) 4 Page - Cooper Bussmann, Inc. |
|
FWX-275A Datasheet(HTML) 4 Page - Cooper Bussmann, Inc. |
4 / 20 page Introduction North American Contents Catalog Amp Number Volts Range Page FWA 130 1000-4000 91-92 FWA 150 70-1000 93-94 FWX 250 35-2500 95-96 FWH 500 35-1600 97-98 KAC 600 1-1000 99 KBC 600 35-800 100 FWP 700 5-1200 101-103 FWJ 1000 35-2000 104-105 Accessories Fuse Bases 106 North American Fuse Ranges Amps Volts AC DC 1000-4000 130 X X 70-1000 150 X X 35-2500 250 X X 35-1600 500 X X 1-1000 600 X — 5-1200 700 X X 40-600 800 — X 35-2000 1000 X — For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp 90 High Speed Fuses North American fuses General Information Cooper Bussmann offers a complete range of North American blade and flush-end style fuses and accessories. Their design and construction were optimized to provide: • Low energy let-through (I2t) • Low watts loss • Superior cycling capability • Low arc voltage • Excellent dc performance North American style fuses provide an excellent solution for medium power applications. While there are currently no published standards for these fuses, the industry has standardized on mounting centers that accept Cooper Bussmann fuses. Voltage Rating All Cooper Bussmann® North American style fuses are tested at their rated voltage. Cooper Bussmann should be consulted for applications exceeding those values. Accessories External and internal open fuse indication is available for selected portions of the North American line. Fuse blocks are available for most applications. |
Número de pieza similar - FWX-275A |
|
Descripción similar - FWX-275A |