Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA6140A2YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA6140A2YFFT
Descripción Electrónicos  CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA6140A2YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6140A2YFFT Datasheet HTML 5Page - Texas Instruments TPA6140A2YFFT Datasheet HTML 6Page - Texas Instruments TPA6140A2YFFT Datasheet HTML 7Page - Texas Instruments TPA6140A2YFFT Datasheet HTML 8Page - Texas Instruments TPA6140A2YFFT Datasheet HTML 9Page - Texas Instruments TPA6140A2YFFT Datasheet HTML 10Page - Texas Instruments TPA6140A2YFFT Datasheet HTML 11Page - Texas Instruments TPA6140A2YFFT Datasheet HTML 12Page - Texas Instruments TPA6140A2YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
RL − Load Resistance − Ω
0
5
10
15
20
25
30
35
40
45
50
THD+N = 1%
Out of Phase
10
100
1k
G013
VDD = 5 V
VDD = 2.5 V
VDD = 3.6 V
RL − Load Resistance − Ω
0
5
10
15
20
25
30
35
40
45
50
THD+N = 1%
In Phase
10
100
1k
G014
VDD = 5 V
VDD = 2.5 V
VDD = 3.6 V
f − Frequency − Hz
−120
−100
−80
−60
−40
−20
0
RL = 32 Ω
Supply Ripple = 0.2 Vpp Sine Wave
20
100
1k
20k
G016
10k
VDD = 2.5 V
VDD = 5 V
VDD = 3.6 V
f − Frequency − Hz
−120
−100
−80
−60
−40
−20
0
RL = 16 Ω
Supply Ripple = 0.2 Vpp Sine Wave
20
100
1k
20k
G015
10k
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
PO − Total Output Power − mW
f = 1 kHz
RL = 16 Ω
0.001
0.01
100
100
10
1
G017
10
0.1
VDD = 2.5 V
1
VDD = 3.6 V
VDD = 5 V
PO − Total Output Power − mW
f = 1 kHz
RL = 32 Ω
0.001
0.01
100
100
10
1
G018
10
0.1
VDD = 2.5 V
1
VDD = 3.6 V
VDD = 5 V
TPA6140A2
www.ti.com .................................................................................................................................................................................................. SLOS598 – MARCH 2009
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, AVDD (VDD) = 3.6 V, GAIN = 0 dB, CHPVDD = CHPVSS = 2.2 µF, CINPUT = CFLYING = 1 µF, Outputs out of phase
OUTPUT POWER
OUTPUT POWER
vs
vs
LOAD RESISTANCE
LOAD RESISTANCE
Figure 15.
Figure 16.
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 19.
Figure 20.
Copyright © 2009, Texas Instruments Incorporated
9
Product Folder Link(s): TPA6140A2


Número de pieza similar - TPA6140A2YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Descripción similar - TPA6140A2YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
[Old version datasheet]   Class G Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
   Class G Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com