Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54105 Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza ISL54105
Descripción Electrónicos  TMDS Regenerator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54105 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54105 Datasheet HTML 1Page - Intersil Corporation ISL54105 Datasheet HTML 2Page - Intersil Corporation ISL54105 Datasheet HTML 3Page - Intersil Corporation ISL54105 Datasheet HTML 4Page - Intersil Corporation ISL54105 Datasheet HTML 5Page - Intersil Corporation ISL54105 Datasheet HTML 6Page - Intersil Corporation ISL54105 Datasheet HTML 7Page - Intersil Corporation ISL54105 Datasheet HTML 8Page - Intersil Corporation ISL54105 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6723.0
June 11, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on VD (referenced to GND). . . . . . . . . . . . . . . . . . . . . . 4.0V
Voltage on any Input Pin (referenced to GND) . . . -0.3V to VD+0.3V
Voltage on any “5V Tolerant” Input Pin
(referenced to GND). . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Current into any Output Pin . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
ESD Classification
Human Body Model . . . >4000V, higher voltage testing in progress
Machine Model . . . . . . . . >200V, higher voltage testing in progress
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
QFN Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Maximum Biased Junction Temperature . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD = 3.3V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
Electrical Specifications
Specifications apply for VD = 3.3V, pixel rate = 165MHz, TA = +25°C, RES_TERM = 1kΩ, RES_BIAS = 3.16kΩ,
TMDS output load = 50
Ω, TMDS output termination voltage V
TERM = 3.3V unless otherwise noted.
SYMBOL
PARAMETER
COMMENT
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
FULL CHANNEL CHARACTERISTICS
fDATA_MAX
Maximum Rx Clock Frequency/Pixel Rate
(Note 3)
165
225
MHz
fDATA_MIN
Minimum Rx Clock Frequency/Pixel Rate
25
MHz
TMDS RECEIVER CHARACTERISTICS
VSENS
Minimum Differential Input Sensitivity
50
150
mVP-P
R50
50
Ω Termination Resistance
45
50
55
Ω
R100
100
Ω Termination Resistance
90
97
110
Ω
CLKDUTY
Rx Clock Duty Cycle
20
80
%
TMDS TRANSMITTER CHARACTERISTICS
jTX_CLOCK
Total Jitter on Clock Outputs
Independent of incoming jitter
32
ps
jTX_DATA
Total Jitter on Data Outputs
Independent of incoming jitter
52
ps
SKEWINTRA Intra-Pair (+ to -) Differential Skew
±4
ps
SKEWINTER Inter-Pair (channel-to-channel) Skew
Added with respect to incoming
inter-pair skew
2UI
tRISE
Rise Time into 50
Ω Load to 3.3V
20% to 80%
80
240
ps
tFALL
Fall Time into 50
Ω Load to 3.3V
20% to 80%
80
240
ps
TX VOH
Single-Ended High Level Output Voltage
VTERM - 10
VTERM + 10
mV
TX VOL
Single-Ended Low Level Output Voltage
VTERM - 600
VTERM - 400
mV
DIGITAL SCHMITT INPUT CHARACTERISTICS
VIH
High Threshold Voltage
2.0
V
VIL
High to Low Threshold Voltage
0.8
V
I
Input Leakage Current
±10
nA
RPU
Internal Pull-Up Resistance
SDA and SCL pins
65
k
Ω
RPD
Internal Pull-Down Resistance
AUTO_CH_SEL, CH_SEL_x,
RESET, ADDRx, PD pins
60
k
Ω
CIN
Input Capacitance
5pF
ISL54105
ISL54105


Número de pieza similar - ISL54105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54105 RENESAS-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
More results

Descripción similar - ISL54105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54105 RENESAS-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Agere Systems
LG1600KXH AGERE-LG1600KXH Datasheet
486Kb / 20P
   LG1600KXH Clock and Data Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Zarlink Semiconductor I...
MV1442 ZARLINK-MV1442 Datasheet
726Kb / 12P
   HDB3 Encoder/Decoder/Clock Regenerator
logo
JDS Uniphase Corporatio...
WSH-600DC95SA JDSU-WSH-600DC95SA Datasheet
131Kb / 3P
   Unidirectional OC-192 Optical Regenerator
logo
Agere Systems
LG1600FXH AGERE-LG1600FXH Datasheet
492Kb / 20P
   LG1600FXH Clock and Data Regenerator
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com