Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FWLF-1631-50 Datasheet(PDF) 9 Page - Finisar Corporation. |
|
FWLF-1631-50 Datasheet(HTML) 9 Page - Finisar Corporation. |
9 / 12 page FWLF-1631-XX DWDM SFP Preliminary Product Specification – August 2005 F i n i s a r © Finisar Corporation PRELIMINARY and Confidential Page 9 Rev B, August 2005 Serial ID Data Fields – Address A0 (Continued…) Data Address Value Name of Field Description of Field BASE ID FIELDS 0 0Bh Identifier Type of serial transceiver 1 24h Ext. Identifier Extended identifier of type of serial transceiver 2 07h Connector Code for connector type 3 00h 4 0Ch 5 00h 6 02h 7 80h 8 10h 9 01h 10 05h Transceiver Code for electronic compatibility or optical compatibility 11 05h Encoding Code for serial encoding algorithm 12 19h BR, Nominal Nominal bit rate, units of 100 MBits/sec 13 00h 14 78h Length(9µm) - km Link length supported for 9/125 µm fiber, units of km 15 46h Max Temp Maximum operating case temperature in ºC 16 FBh Min Temp Minimum operating case temperature in ºC 17 5Fh Max Supply Current Maximum supply current in units of 4 mA 18 00h Reserved 19 41h Channel spacing and Tuning Channel spacing compatibility and number of ITU channels supported 20-35 FINISAR CORP. Vendor name SFP vendor name (ASCII, padded with spaces) 36 02h Opt. features Implemented optional DWDM features 37 00h 38 90h 39 65h Vendor OUI Finisar IEEE company ID 40-55 FWLF-1631-XX Vendor PN Part number provided by Finisar (ASCII, padded with spaces) 56-59 41h Vendor rev Revision level for part number provided by Finisar (ASCII, padded with spaces) 60-61 Wavelength Laser wavelength (in nm) 62 Varies based on channel number Wavelength Laser wavelength (fractional part in units of 10pm). 63 CC_BASE Check code for Base ID Fields (addresses 0 to 62) |
Número de pieza similar - FWLF-1631-50 |
|
Descripción similar - FWLF-1631-50 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |