Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FWLF1634RV17 Datasheet(PDF) 7 Page - Finisar Corporation. |
|
FWLF1634RV17 Datasheet(HTML) 7 Page - Finisar Corporation. |
7 / 10 page FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009 F i n i s a r © Finisar Corporation PRELIMINARY Page 7 Rev C2, Feb.2009 VI. Wavelength Stabilization The laser transmitter will not be turned on until its temperature is adjusted to ensure operation within the specified channel (X +/- 300pm). This temperature stabilization time is dependent on the ambient temperature conditions, but will typically occur within 5 seconds of powering the device. The module will transmit within the specified wavelength tolerance (X +/- 100pm) within 10 ms of transmitter operation. VII. General Specifications VIII. Environmental Specifications Parameter Symbol Min Typ Max Units Notes/Conditions Operating Temp Top -5 70 °C Case temperature measured on top-side of device Storage Temp Tsto -40 85 °C Ambient temperature Eye Safety CDRH and IEC-825 Class 1 Laser Product. See Note 1 Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to Laser Notice No. 50, dated July 26, 2001. Parameter Symbol Min Typ Max Units Notes/Conditions Data Rate BR 0.155 4.25 Gb/sec SONET OC-3/12/48 compatible Total Link Budget 26 30 dB @ 4.25 Gb/s, BER <10 -12 w/ PRBS 2 7-1. See Note 1 Total Link Budget 31 34 dB @ 2.5 Gb/s, BER <10 -12 w/ PRBS 2 23-1. See Note 1 Note 1: Total link budget is defined as Pout – Pin – typical connector losses. Operating in low rate mode |
Número de pieza similar - FWLF1634RV17 |
|
Descripción similar - FWLF1634RV17 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |