Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54TR-33210 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

No. de pieza 54TR-33210
Descripción Electrónicos  2.5 Gb/s Transponder with Mux/Demux (1310 and 1550 nm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JDSU [JDS Uniphase Corporation]
Página de inicio  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54TR-33210 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  54TR-33210 Datasheet HTML 1Page - JDS Uniphase Corporation 54TR-33210 Datasheet HTML 2Page - JDS Uniphase Corporation 54TR-33210 Datasheet HTML 3Page - JDS Uniphase Corporation 54TR-33210 Datasheet HTML 4Page - JDS Uniphase Corporation 54TR-33210 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10116510 Rev. 003 54TR.DS.CMS.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
2.5 GB/S TRANSPONDER WITH MUX/DEMUX
(1310 AND 1550 NM)
Sample: 54TR-21114
Code
Optical Reach
1Long reach
Code
Temperature Range
1
Standard, -5 to 70 °C
2Extended, -40 to 80 °C
3
Intermediate, -5 to 75 °C
Code
Connector Type
1
SC/SPC
2
ST/SPC
3LC/SPC
4FC/SPC
5MU/SPC
Code
Wavelength Option
2
1310 nm
3
1550 nm
54TR-
Code
IPDMON
Maximum
Current Output
0Not required
11 mA
22 mA
33 mA
44 mA
October 2006


Descripción similar - 54TR-33210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zarlink Semiconductor I...
ZL60006 ZARLINK-ZL60006 Datasheet
282Kb / 7P
   1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
logo
JDS Uniphase Corporatio...
PL-SLR-00-L23-CX JDSU-PL-SLR-00-L23-CX Datasheet
197Kb / 4P
   1310/1550 nm 2.5 G LC ROSA
logo
Optoway Technology Inc
SPB-9740RG OPTOWAY-SPB-9740RG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9705RG OPTOWAY-SPB-9705RG Datasheet
178Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
BTR-7710G OPTOWAY-BTR-7710G Datasheet
82Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7760G OPTOWAY-BTR-7760G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7610G OPTOWAY-BTR-7610G Datasheet
82Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7660G OPTOWAY-BTR-7660G Datasheet
78Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7740G OPTOWAY-BTR-7740G Datasheet
78Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
BTR-7620G OPTOWAY-BTR-7620G Datasheet
82Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com