Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5241B Datasheet(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

No. de pieza 1N5241B
Descripción Electrónicos  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Página de inicio  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

1N5241B Datasheet(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd

  1N5241B Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 1N5241B Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 1N5241B Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
1N5258B
39
3.2
37.05
40.95
80
800
0.25
0.1
30
0
…0.094
1N5259B
43
3
40.85
45.15
93
900
0.25
0.1
33
0
…0.095
1N5260B
47
2.7
44.65
49.35
105
1000
0.25
0.1
36
0
…0.095
1N5261B
51
2.5
48.45
53.55
125
1100
0.25
0.1
39
0
…0.096
1N5262B
56
2.2
53.20
58.80
150
1300
0.25
0.1
43
0
…0.096
1N5263B
60
2.1
57.00
63.00
170
1400
0.25
0.1
46
0
…0.097
1N5264B
62
2
58.90
65.10
185
1400
0.25
0.1
47
0
…0.097
1N5265B
68
1.8
64.60
71.40
230
1600
0.25
0.1
52
0
…0.097
1N5266B
75
1.7
71.25
78.75
270
1700
0.25
0.1
56
0
…0.098
1N5267B
82
1.5
77.90
86.10
330
2000
0.25
0.1
62
0
…0.098
1N5268B
87
1.4
82.65
91.35
370
2200
0.25
0.1
68
0
…0.099
1N5269B
91
1.4
86.45
95.55
400
2300
0.25
0.1
69
0
…0.099
1N5270B
100
1.3
95.00
105.00
500
2600
0.25
0.1
76
0
…0.110
1N5271B
110
1.1
104.50
115.50
750
3000
0.25
0.1
84
0
…0.110
1N5272B
110
99
121
121
750
3000
0.25
0.1
84
0
…0.110
1) Tested with pulses tp=20 ms.
2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm form case.
3)ZENER IMPEDANCE (ZZ) DERIVATION: ZZT and ZZK are measured by dividing the ac voltage drop across the device by the
ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz.
4)ZENER VOLTAGE (VZ) MEASUREMENT: Nominal zener voltage is measured with the device junction in thermal equilibrium
at the lead temperature of 30
°C ±1°C and 3/8, lead length.
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Número de pieza similar - 1N5241B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5241B VISHAY-1N5241B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5241B VISHAY-1N5241B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5241B MCC-1N5241B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tak Cheong Electronics ...
1N5241B TAK_CHEONG-1N5241B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
1N5241B VISHAY-1N5241B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Descripción similar - 1N5241B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com