Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZX55C33 Datasheet(PDF) 3 Page - Chongqing Pingwei Enterprise co.,Ltd |
|
BZX55C33 Datasheet(HTML) 3 Page - Chongqing Pingwei Enterprise co.,Ltd |
3 / 3 page CHONGQING PINGYANG ELECTRONICS CO.,LTD. 3 1) Tested with pulses tp=20 ms. 2) Tolerance designation — The type numbers listed have zener voltage min/max limits as shown. Device tolerance of ±2% are indicated by a “B” instead of a “C”. Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 30 °C ±1°C and 3/8, lead length. 3)ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limtis are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 1.0 kHz. 4) This data was calculated using nominal voltages. The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operating point and the power derating curve. PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn |
Número de pieza similar - BZX55C33 |
|
Descripción similar - BZX55C33 |