Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74BCT652 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74BCT652
Descripción Electrónicos  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT652 Datasheet(HTML) 6 Page - Texas Instruments

  SN74BCT652 Datasheet HTML 1Page - Texas Instruments SN74BCT652 Datasheet HTML 2Page - Texas Instruments SN74BCT652 Datasheet HTML 3Page - Texas Instruments SN74BCT652 Datasheet HTML 4Page - Texas Instruments SN74BCT652 Datasheet HTML 5Page - Texas Instruments SN74BCT652 Datasheet HTML 6Page - Texas Instruments SN74BCT652 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN54BCT652, SN74BCT652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCBS038A – AUGUST 1989 – REVISED NOVEMBER 1993
2–6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT652
SN74BCT652
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MIN
MAX
MIN
MAX
fmax
77
77
77
MHz
tPLH
CLKBA
A
2.6
6.9
8.9
2.6
11.6
2.6
10.5
ns
tPHL
CLKBA
A
2.8
6.8
8.8
2.8
10.7
2.8
9.9
ns
tPLH
CLKAB
B
2.6
6.9
8.9
2.6
11.6
2.6
10.5
ns
tPHL
CLKAB
B
2.8
6.8
8.8
2.8
10.7
2.8
9.9
ns
tPLH
A
B
1.7
5.8
7.5
1.7
10.3
1.7
8.9
ns
tPHL
A
B
2.4
6.5
8.2
2.4
11
2.4
9.8
ns
tPLH
B
A
1.7
5.8
7.5
1.7
10.3
1.7
8.9
ns
tPHL
B
A
2.4
6.5
8.2
2.4
11
2.4
9.8
ns
tPLH
SBA†
A
3.5
8.8
10.8
3.5
14.2
3.5
13.1
ns
tPHL
(with B high)
A
2.4
5.9
7.7
2.4
9.1
2.4
8.5
ns
tPLH
SBA†
A
3
7.6
9.7
3
12.4
3
11.3
ns
tPHL
(with B low)
A
3.8
8.3
10.4
3.8
12.9
3.8
12.5
ns
tPLH
SAB†
B
3.5
8.8
10.8
3.5
14.2
3.5
13.1
ns
tPHL
(with A high)
B
2.4
5.9
7.7
2.4
9.1
2.4
8.5
ns
tPLH
SAB†
B
3
7.6
9.7
3
12.4
3
11.3
ns
tPHL
(with A low)
B
3.8
8.3
10.4
3.8
12.9
3.8
12.5
ns
tPZH
OEBA
A
2.5
7.2
8.9
2.5
11.2
2.5
10.6
ns
tPZL
OEBA
A
3.2
8.1
10.1
3.2
12.6
3.2
12
ns
tPHZ
OEBA
A
2.8
6.7
8.6
2.8
10.9
2.8
10
ns
tPLZ
OEBA
A
2.4
6.3
8.4
2.4
10.5
2.4
9.5
ns
tPZH
OEAB
B
1.5
5.4
7.1
1.5
9
1.5
8.1
ns
tPZL
OEAB
B
2.3
6.2
8.1
2.3
10.3
2.3
9.3
ns
tPHZ
OEAB
B
3.5
8.2
10
3.5
12.2
3.5
11.6
ns
tPLZ
OEAB
B
2.8
7.2
9.5
2.8
12
2.8
11.3
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
NOTE 2: Load circuits and voltage waveforms are shown in Section 1.


Número de pieza similar - SN74BCT652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74BCT652 TI-SN74BCT652 Datasheet
487Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74BCT652DW TI-SN74BCT652DW Datasheet
487Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74BCT652DWE4 TI-SN74BCT652DWE4 Datasheet
487Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74BCT652DWG4 TI-SN74BCT652DWG4 Datasheet
487Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74BCT652DWR TI-SN74BCT652DWR Datasheet
487Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74BCT652

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com