Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002KG Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza 2N7002KG
Descripción Electrónicos  N-Ch Small Signal MOSFET with Gate Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002KG Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2N7002KG Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002KG Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002KG Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2N7002KG Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH 2N7002KG Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Elektronische Bauelemente
2N7002KG
190 mA, 60 V, RDS(ON) = 2 Ω
N-Ch Small Signal MOSFET with Gate Protection
01-December-2008 Rev. B
Page 3 of 5
CHARACTERISTIC CURVE


Número de pieza similar - 2N7002KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
2N7002KG-AE2-R UTC-2N7002KG-AE2-R Datasheet
164Kb / 3P
   300m Amps, 60 Volts N-CHANNEL ENHANCEMENT MODE MOSFET
2N7002KG-AE2-R UTC-2N7002KG-AE2-R Datasheet
191Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
2N7002KG-AE2-R UTC-2N7002KG-AE2-R Datasheet
191Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Silikron Semiconductor ...
2N7002KG8 SILIKRON-2N7002KG8 Datasheet
465Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
2N7002KG8 GOOD-ARK-2N7002KG8 Datasheet
573Kb / 5P
   60V MOSFET
More results

Descripción similar - 2N7002KG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
2N7002KW SECOS-2N7002KW_15 Datasheet
533Kb / 4P
   N-Ch Small Signal MOSFET with ESD Protection
2N7002KW SECOS-2N7002KW Datasheet
533Kb / 4P
   N-Ch Small Signal MOSFET with ESD Protection
logo
SEC Electronics Inc.
2N7002KW SECELECTRONICS-2N7002KW Datasheet
533Kb / 4P
   N-Ch Small Signal MOSFET with ESD Protection
logo
SeCoS Halbleitertechnol...
2N7002K SECOS-2N7002K Datasheet
533Kb / 4P
   N-Ch Small Signal MOSFET with ESD Protection
logo
SEC Electronics Inc.
2N7002K SECELECTRONICS-2N7002K Datasheet
533Kb / 4P
   N-Ch Small Signal MOSFET with ESD Protection
logo
SeCoS Halbleitertechnol...
S2N7002W SECOS-S2N7002W Datasheet
93Kb / 3P
   N-Ch Small Signal MOSFET
S2N7002 SECOS-S2N7002 Datasheet
88Kb / 2P
   N-Ch Small Signal MOSFET
S2N7002 SECOS-S2N7002_15 Datasheet
147Kb / 2P
   N-Ch Small Signal MOSFET
logo
First Silicon Co., Ltd
FTK4001E FS-FTK4001E Datasheet
320Kb / 5P
   Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
logo
Leshan Radio Company
LNTA4001NT1G LRC-LNTA4001NT1G Datasheet
218Kb / 5P
   Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com