Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74F258 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
SN74F258 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 5 page SN54F258, SN74F258 QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS SDFS067A – D2932, MARCH 1987 – REVISED OCTOBER 1993 2–4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics (see Note 3) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, CL = 50 pF, R1 = 500 Ω, R2 = 500 Ω, TA = 25°C VCC = 4.5 V to 5.5 V, CL = 50 pF, R1 = 500 Ω, R2 = 500 Ω, TA = MIN to MAX† UNIT ′F258 SN54F258 SN74F258 MIN TYP MAX MIN MAX MIN MAX tPLH Data Any Y 1 3.6 5.3 1 7.5 1 6 ns tPHL (A or B) Any Y 1 3.1 4.7 1 6 1 5.5 ns tPLH A/B Any Y 3.2 6.1 8.5 3.2 12 3.2 9.5 ns tPHL A/B Any Y 3.2 6.9 9.5 3.2 11.5 3.2 11 ns tPZH G Any Y 2.2 5.5 7.5 2.2 11 2.2 8.5 ns tPZL G Any Y 2.2 5.1 7.5 2.2 9.5 2.2 8.5 ns tPHZ G Any Y 1.2 3.9 6 1 7 1.2 7 ns tPLZ G Any Y 1.2 4.1 6 1.2 9 1.2 7 ns † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. NOTE 3: Load circuits and waveforms are shown in Section 1. |
Número de pieza similar - SN74F258 |
|
Descripción similar - SN74F258 |