Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FWS-A00110005 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

No. de pieza FWS-A00110005
Descripción Electrónicos  1480/15501590 nm Filter Wavelength Division Multiplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JDSU [JDS Uniphase Corporation]
Página de inicio  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWS-A00110005 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  FWS-A00110005 Datasheet HTML 1Page - JDS Uniphase Corporation FWS-A00110005 Datasheet HTML 2Page - JDS Uniphase Corporation FWS-A00110005 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Thin film filter based
• Wide bandwidth (C+L)
• Low insertion loss
• High isolation
• Low temperature dependent loss
• Epoxy-free optical path
JDSU 1480/1550+1590 nm filter wavelength division multiplexers (WDMs) use
interference filter technology to separate or combine pump laser and optical signals.
With wide bandwidth, low insertion, high isolation, and low temperature
dependent loss, they are ideal for use in optical amplifier and CATV applications.
Applications
• Optical amplifiers
•CATV
Compliance
• Telcordia GR-1221
1480/1550+1590 nm Filter Wavelength Division Multiplexers
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Performance 1480/1550 nm (Model 1)
WAVELENGTH (nm)
PASS CHANNEL
REFLECT CHANNEL
1440
1480
1520
1560
1600
25
30
35
40
20
15
10
5
0


Número de pieza similar - FWS-A00110005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
FWS-10A20F COOPER-FWS-10A20F Datasheet
1Mb / 21P
   Ferrule fuses
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1205 POWER-SYSTEMS-FWS-1205 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1209 POWER-SYSTEMS-FWS-1209 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1212 POWER-SYSTEMS-FWS-1212 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
More results

Descripción similar - FWS-A00110005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
JDS Uniphase Corporatio...
FWS-F00110000 JDSU-FWS-F00110000 Datasheet
141Kb / 3P
   1550/1590 nm Filter Wavelength Division Multiplexers
FWS-3P5R3P100 JDSU-FWS-3P5R3P100 Datasheet
126Kb / 3P
   1310/15501590 nm Filter Wavelength Division Multiplexers
FWS-D10010000 JDSU-FWS-D10010000 Datasheet
149Kb / 3P
   1510/1550 and 1550/1625 nm Filter Wavelength Division Multiplexers
FWS-360S31000 JDSU-FWS-360S31000 Datasheet
156Kb / 3P
   1536/1554 nm 3-Port Bandpass Wavelength Division Multiplexers
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
logo
OPLINK Communications I...
MWDMG1514-S0029 OPLINK-MWDMG1514-S0029 Datasheet
286Kb / 2P
   Green 1480/1550 nm Micro-Optic WDM
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
logo
MRV Communications, Inc...
EM316GEMX2R MRV-EM316GEMX2R Datasheet
659Kb / 3P
   Time Division Multiplexers
EM316GEMX4R MRV-EM316GEMX4R Datasheet
396Kb / 2P
   Time Division Multiplexers
logo
OPLINK Communications I...
WTIH1514-S0080 OPLINK-WTIH1514-S0080 Datasheet
344Kb / 2P
   1480/1550(1585)nm WDM/ Tap Couper/ Isolator Hybrid Combination
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com