Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WVL-2B1050113 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

No. de pieza WVL-2B1050113
Descripción Electrónicos  Broadband (Fabry-Perot) Wavelength Locker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JDSU [JDS Uniphase Corporation]
Página de inicio  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WVL-2B1050113 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  WVL-2B1050113 Datasheet HTML 1Page - JDS Uniphase Corporation WVL-2B1050113 Datasheet HTML 2Page - JDS Uniphase Corporation WVL-2B1050113 Datasheet HTML 3Page - JDS Uniphase Corporation WVL-2B1050113 Datasheet HTML 4Page - JDS Uniphase Corporation WVL-2B1050113 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
BROADBAND (FABRY-PEROT ) WAVELENGTH LOCKER
Pinout
Pin
Description
1
Monitor PD1 anode (+)
2
Etalon PD2 anode (+)
3
PD1, PD2 cathode (-)
4
Temperature sensor supply voltage
5
Temperature sensor monitor
6
Temperature sensor ground
Dimensions Diagram
(Specifications in mm unless otherwise noted.)
40.0 mm
15.0 mm
21.0 mm
8.5 mm
Pin 1
Pin 6
18.0 mm
Minimum
34.0 mm
Ø = 0.45 mm
5.0 mm
5.0 mm
8.5 mm
10.0 mm
2.54 mm x 5
2.54 mm
18.0 mm


Número de pieza similar - WVL-2B1050113

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
WVL VISHAY-WVL Datasheet
114Kb / 4P
   Inductors, Variable, Subminiature
Revision: 10-Aug-06
WVL9EBR10K VISHAY-WVL9EBR10K Datasheet
114Kb / 4P
   Inductors, Variable, Subminiature
Revision: 10-Aug-06
More results

Descripción similar - WVL-2B1050113

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60404 ZARLINK-ZL60404 Datasheet
315Kb / 9P
   1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Agere Systems
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com