Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM78L05 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SM78L05
Descripción Electrónicos  Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM78L05 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SM78L05 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM78L05 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Elektronische Bauelemente
SM78Lxx
Positive Voltage Regulator
01-June-2002 Rev. A
Page 3 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SM78L09 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=15V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
8.73
9.0
9.27
VO
B-Rank (5%)
VIN=15V, IO=40mA,Tj=25°C
11.5V≦VIN≦24V, 1mA≦IO≦40mA
11.5V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
8.55
-
9.45
V
11.5V≦VIN≦24V, IO=40mA, Tj=25°C
-
90
200
ΔV
O(Line Regulation)
13V≦VIN≦24V, IO=40mA, Tj=25°C
-
100
150
mV
VIN=15V, 1mA≦IO≦100mA, Tj=25°C
-
20
90
ΔV
O(Load Regulation)
VIN=15V, 1mA≦IO≦40mA, Tj=25°C
-
10
45
mV
IQ
VIN=15V, IO=0mA,Tj=25°C
-
2.0
6.0
mA
VIN=15V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
13V≦VIN≦24V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
49
-
μV
RR
12V≦VIN≦23V, Io=40mA, f=120Hz, Tj=25°C
38
44
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
0.75
-
mV/°C
SM78L10 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=17V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
9.70
10.0
10.30
VO
B-Rank (5%)
VIN=17V, IO=40mA,Tj=25°C
13V≦VIN≦25V, 1mA≦IO≦40mA
13V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
9.50
-
10.50
V
13V≦VIN≦25V, IO=40mA, Tj=25°C
-
51
175
ΔV
O(Line Regulation)
14V≦VIN≦25V, IO=40mA, Tj=25°C
-
42
125
mV
VIN=17V, 1mA≦IO≦100mA, Tj=25°C
-
20
90
ΔV
O(Load Regulation)
VIN=17V, 1mA≦IO≦40mA, Tj=25°C
-
11
40
mV
IQ
VIN=17V, IO=0mA,Tj=25°C
-
4.2
6.0
mA
VIN=17V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
14V≦VIN≦25V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
62
-
μV
RR
15V≦VIN≦25V, Io=40mA, f=120Hz, Tj=25°C
37
44
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
SM78L12 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=19V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
11.64
12.0
12.36
VO
B-Rank (5%)
VIN=19V, IO=40mA,Tj=25°C
14.5V≦VIN≦27V, 1mA≦IO≦40mA
14.5V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
11.40
-
12.60
V
14.5V≦VIN≦27V, IO=40mA, Tj=25°C
-
25
300
ΔV
O(Line Regulation)
16V≦VIN≦27V, IO=40mA, Tj=25°C
-
20
250
mV
VIN=19V, 1mA≦IO≦100mA, Tj=25°C
-
25
150
ΔV
O(Load Regulation)
VIN=19V, 1mA≦IO≦40mA, Tj=25°C
-
12
75
mV
IQ
VIN=19V, IO=0mA,Tj=25°C
-
2.0
6.0
mA
VIN=19V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
16V≦VIN≦27V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
80
-
μV
RR
15V≦VIN≦25V, Io=40mA, f=120Hz, Tj=25°C
37
65
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-1.0
-
mV/°C


Número de pieza similar - SM78L05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SM78L05 SECOS-SM78L05 Datasheet
277Kb / 6P
   Positive Voltage Regulator
More results

Descripción similar - SM78L05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com