Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBJ17C Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMBJ17C
Descripción Electrónicos  600W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBJ17C Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMBJ17C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBJ17C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBJ17C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMBJ17C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Any changing of specification will not be informed individual
SMBJ SERIES
VOLTAGE 5.0V ~ 170V
600W Peak Power Surface Mount TVS
SMBJ60(C)
60
66.7
84.5
1
107
5.6
5
BJ60
SMBJ160(C)
160
178
226.0
1
287
2.1
5
BJ160
SMBJ130(C)
130
144
182.5
1
231
2.6
5
BJ130
SMBJ110(C)
110
122
154.5
1
196
3.0
5
BJ110
SMBJ90(C)
90
100
126.5
1
160
3.8
5
BJ90
SMBJ78(C)
78
86.7
109.8
1
139
4.3
5
BJ78
SMBJ70(C)
70
77.8
98.6
1
125
4.8
5
BJ70
SMBJ60(C)A
60
66.7
76.7
1
96.8
6.2
5
BJ60A
SMBJ160(C)A
160
178
205.0
1
259
2.3
5
BJ160A
SMBJ130(C)A
130
144
165.5
1
209
2.9
5
BJ130A
SMBJ110(C)A
110
122
140.5
1
177
3.4
5
BJ110A
SMBJ90(C)A
90
100
115.5
1
146
4.1
5
BJ90A
SMBJ78(C)A
78
86.7
99.7
1
126
4.7
5
BJ78A
SMBJ70(C)A
70
77.8
89.5
1
113
5.3
5
BJ70A
SMBJ64(C)A
64
71.1
81.8
1
103
5.8
5
BJ64A
SMBJ170(C)A
170
189
217.5
1
275
2.2
5
BJ170A
SMBJ150(C)A
150
167
192.5
1
243
2.5
5
BJ150A
SMBJ120(C)A
120
133
153.0
1
193
3.1
5
BJ120A
SMBJ100(C)A
100
111
128.0
1
162
3.7
5
BJ100A
SMBJ85(C)A
85
94.4
108.2
1
137
4.4
5
BJ85A
SMBJ75(C)A
75
83.3
95.8
1
121
4.9
5
BJ75A
SMBJ64(C)
64
71.1
90.1
1
114
5.3
5
BJ64
SMBJ170(C)
160
189
239.5
1
304
2.0
5
BJ170
SMBJ150(C)
150
167
211.5
1
268
2.2
5
BJ150
SMBJ120(C)
120
133
169.0
1
214
2.8
5
BJ120
SMBJ100(C)
100
111
141.0
1
179
3.4
5
BJ100
SMBJ85(C)
85
94.4
119.2
1
151
3.9
5
BJ85
SMBJ75(C)
75
83.3
105.7
1
134
4.5
5
BJ75
TEST
CURRENT
IT
( m
)
A
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
REVERSE
LEAKAGE
@VRWM
IR (A)
PEAK
PULSE
CURRENT
IPP (A)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
PART NUMBER
ADD C FOR BI-
DIRECTIONAL
See Note 1
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
MARKING
CODE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 4 of 4
For Bi-direction type suffix"C"


Número de pieza similar - SMBJ17C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytes
SMBJ17C BYTES-SMBJ17C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ17C SOCAY-SMBJ17C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ17C EIC-SMBJ17C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ17C SOCAY-SMBJ17C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ17C MCC-SMBJ17C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Descripción similar - SMBJ17C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Digitron Semiconductors
SMBJ5.0 DIGITRON-SMBJ5.0 Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com