Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMG2304A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMG2304A
Descripción Electrónicos  N-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2304A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMG2304A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2304A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2304A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2304A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
01-Jun-2002 Rev. A
Page
3 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SMG2304A
2.5A, 30V,RDS(ON) 117m
N-Channel Enhancement Mode Power Mos.FET
Ω
Characteristics Curve
Fig 5. Forward Characteristics of
Reverse Diode
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 6. Gate Threshold Voltage v.s.
Junction Temperature


Número de pieza similar - SMG2304A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
SMG2304A VBSEMI-SMG2304A Datasheet
490Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Descripción similar - SMG2304A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSE9973 SECOS-SSE9973 Datasheet
852Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4424 SECOS-SSG4424 Datasheet
378Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG9973 SECOS-SSG9973 Datasheet
342Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com