Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Mospec Semiconductor |
U08A30
|
134Kb / 2P |
FAST RECTIFIERS(8A,300-600V)
|
U10A30
|
135Kb / 2P |
FAST RECTIFIERS(10A,300-600V)
|
Shindengen Electric Mfg... |
D15XB60
|
303Kb / 6P |
General Purpose Rectifiers(600V 15A)
|
KODENSHI_AUK CORP. |
SF15A600H-1
|
279Kb / 5P |
600V, 15A ULTRAFAST RECOVERY RECTIFIERS
|
SF15A600H
|
285Kb / 5P |
600V, 15A ULTRAFAST RECOVERY RECTIFIERS
|
Shindengen Electric Mfg... |
DF15VD60
|
274Kb / 5P |
General Purpose Rectifiers(600V 15A)
|
D15FR60LA
|
1Mb / 7P |
Fast Recovery Diodes 600V, 15A
|
Mospec Semiconductor |
U06C30
|
141Kb / 2P |
POWER RECTIFIERS(6.0A,300-600V)
|
F30D30
|
140Kb / 2P |
POWER RECTIFIERS(30A,300-600V)
|
U20C30
|
141Kb / 2P |
POWER RECTIFIERS(20A,300-600V)
|