Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS216WT Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No. de pieza BAS216WT
Descripción Electrónicos  High Speed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAS216WT Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAS216WT Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAS216WT Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAS216WT Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 07/04/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAS216WT
High Speed Switching Diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
85
V
Reverse Voltage
VR
75
V
Continuous Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Current
t = 1 µs
t = 1 ms
t = 1 s
IFSM
4
1
0.5
A
Power Dissipation
Ptot
150
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
715
855
1000
1250
mV
Reverse Current
at VR = 25 V
at VR = 75 V
at VR = 25 V, TJ = 150 OC
at VR = 75 V, TJ = 150 OC
IR
30
1
30
50
nA
µA
µA
µA
Diode Capacitance
at VR = 0 V, f = 1 MHz
Ctot
1.5
pF
Reverse Recovery Time
at IF = 10 mA to IR = 10 mA, IR = 1 mA, RL = 100 Ω
trr
4
ns
Anode
2
Top View
Marking Code: "A"
Simplified outline SOD-523 and symbol
1
A
2
PINNING
1
PIN
Cathode
DESCRIPTION


Número de pieza similar - BAS216WT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
BAS216WT DIOTEC-BAS216WT Datasheet
93Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
139Kb / 2P
   SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
151Kb / 2P
   SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
140Kb / 2P
   SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
365Kb / 3P
   SMD Small Signal Diodes SMD Kleinsignal-Dioden
Version 2020-04-28
More results

Descripción similar - BAS216WT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com