Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR43 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No. de pieza BAR43
Descripción Electrónicos  SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAR43 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAR43 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAR43 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 10/09/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BAR43 / A / C / S
SCHOTTKY BARRIER DIODE
BAR43 Marking Code: RD
BAR43A Marking Code: RE
BAR43C Marking Code: RF
BAR43S Marking Code: RH
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum Repetitive Reverse Voltage
VRRM
30
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current at (t = 1 s)
IFSM
750
mA
Power Dissipation
Ptot
290
mW
Thermal Resistance, Junction to Ambient
RθJA
430
O
C/W
Operating Junction Temperature
TJ
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 μA
V(BR)R
30
-
V
Reverse Current
at VR = 25 V
IR
-
500
nA
Forward Voltage
at IF = 2 mA
at IF = 15 mA
at IF = 100 mA
VF
0.26
-
-
0.33
0.45
0.8
V
Reverse Recovery Time
at IF = IR = 10 mA, IRR = 1 mA, RL = 100 Ω
trr
-
5
ns
1
3
2
3
1
2
1
3
2
2
1
3
BAR43
BAR43S
BAR43C
BAR43A
SOT-23 Plastic Package


Número de pieza similar - BAR43

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BAR43 STMICROELECTRONICS-BAR43 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Fairchild Semiconductor
BAR43 FAIRCHILD-BAR43 Datasheet
30Kb / 2P
   Schottky Diodes
BAR43 FAIRCHILD-BAR43 Datasheet
41Kb / 2P
   BAR43/A/C/S
logo
Micro Commercial Compon...
BAR43 MCC-BAR43 Datasheet
164Kb / 2P
   200mW SCHOTTKY DIODE
logo
Sangdest Microelectroni...
BAR43 SMC-BAR43 Datasheet
153Kb / 5P
   SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAR43

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com