Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMBT3904TT1G Datasheet(PDF) 4 Page - Leshan Radio Company

No. de pieza LMBT3904TT1G
Descripción Electrónicos  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904TT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT3904TT1G Datasheet HTML 1Page - Leshan Radio Company LMBT3904TT1G Datasheet HTML 2Page - Leshan Radio Company LMBT3904TT1G Datasheet HTML 3Page - Leshan Radio Company LMBT3904TT1G Datasheet HTML 4Page - Leshan Radio Company LMBT3904TT1G Datasheet HTML 5Page - Leshan Radio Company LMBT3904TT1G Datasheet HTML 6Page - Leshan Radio Company LMBT3904TT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3904TT1G
I C , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
I C , COLLECTOR CURRENT (mA)
Figure 6. Rise Time
I C , COLLECTOR CURRENT (mA)
Figure 7. Storage Time
I C , COLLECTOR CURRENT (mA)
Figure 8. Fall Time
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(V CE = 5.0 Vdc, T A = 25°C, Bandwidth = 1.0 Hz)
V CC = 40 V
I C /I B = 10
f, FREQUENCY (kHz)
Figure 9.
f = 1.0 kHz
V CC = 40 V
I B1 = I B2
I C /I B = 20
I C /I B = 10
I C /I B = 10
t r @ V CC = 3.0 V
t d @ V OB = 0 V
40 V
15 V
2.0 V
I C /I B =10
I C /I B =20
I C /I B =10
I C /I B =20
t ’s = t s –1 /8 tf
I B1 = I B2
I C = 1.0 mA
I C = 0.5 mA
I C = 50
µA
I C = 100
µA
SOURCE RESISTANCE=200
I C = 1.0 mA
SOURCE RESISTANCE =200
I C = 0.5 mA
SOURCE RESISTANCE=500
I C = 100
µA
SOURCE RESISTANCE =1.0k
I C = 50
µA
R S , SOURCE RESISTANCE (k
Ω)
Figure 10.
1.0
2.0 3.0
5.0 7.0 10
20
30
50
70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5.0 7.0 10
20
30
50
70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5.0 7.0 10
20
30
50
70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5.0 7.0 10
20
30
50
70 100
200
500
300
200
100
70
50
30
20
10
7
5
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100
12
10
8
6
4
2
0
0.1
0.2
0.4
1.0
2.0
4.0
10
20
40
100
14
12
10
8
6
4
2
0
4/7


Número de pieza similar - LMBT3904TT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMBT3904TT1G LRC-LMBT3904TT1G Datasheet
227Kb / 7P
   General Purpose Transistors
Rev.O 1/7
LMBT3904TT1G LRC-LMBT3904TT1G_15 Datasheet
227Kb / 7P
   General Purpose Transistors
LMBT3904TT1G LRC-LMBT3904TT1G_V01 Datasheet
227Kb / 7P
   General Purpose Transistors
Rev.O 1/7
More results

Descripción similar - LMBT3904TT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com