Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMBT3946DW1T1G Datasheet(PDF) 8 Page - Leshan Radio Company

No. de pieza LMBT3946DW1T1G
Descripción Electrónicos  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3946DW1T1G Datasheet(HTML) 8 Page - Leshan Radio Company

Back Button LMBT3946DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 7Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 8Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 9Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 10Page - Leshan Radio Company LMBT3946DW1T1G Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3946DW1T1G
TYPICAL ELECTRICAL CHARACTERISTICS
LMBT3946DW1T1G
(PNP)
Figure 19. Delay and Rise T
ime
Equivalent Test Circuit
Figure 20. Storage and Fall T
ime
Equivalent Test Circuit
3 V
275
10 k
1N916
Cs < 4 pF*
3 V
275
10 k
Cs < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1< 500 s
* Total shunt capacitance of test jig and connectors
TYPICAL TRANSIENT CHARACTERISTICS
Figure 21. Capacitance
REVERSEBIAS (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
Figure 22. Charge Data
IC, COLLECTOR CURRENT (mA)
5000
1.0
VCC= 40 V
IC/IB = 10
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0 5.0 7.0 10
20 30 40
0.2 0.3 0.5 0.7
QT
QA
Cibo
Cobo
TJ = 25˚C
TJ = 125˚C
(PNP)
(PNP)
Figure 23. Turn
-On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
Figure 24. Fall Time
IC, COLLECTOR CURRENT (mA)
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC= 40 V
IB1= IB2
IC/IB = 20
IC/IB= 10
IC/IB = 10
t r@ VCC= 3.0 V
td@ VOB= 0V
40 V
15 V
2.0 V
(PNP)
(PNP)
8/14


Número de pieza similar - LMBT3946DW1T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMBT3946DW1T1G LRC-LMBT3946DW1T1G_15 Datasheet
300Kb / 11P
   Dual General Purpose Transistors
More results

Descripción similar - LMBT3946DW1T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com