Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM0825-40Q Datasheet(PDF) 3 Page - Stealth Microwave, Inc.

No. de pieza SM0825-40Q
Descripción Electrónicos  800-2500 MHz 10 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Página de inicio  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM0825-40Q Datasheet(HTML) 3 Page - Stealth Microwave, Inc.

  SM0825-40Q Datasheet HTML 1Page - Stealth Microwave, Inc. SM0825-40Q Datasheet HTML 2Page - Stealth Microwave, Inc. SM0825-40Q Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM0825-40Q
800-2500 MHz
10 Watt Linear Power Amplifier
LAB /WIDEBAND APPLICATIONS
MODULE WITH HEATSINK OPTION
Pin
Description
Values
RF Input
Input Connector (SMA Female)
+1 dBm, typical
RF OUT
Output Connector (SMA Female)
+40 dBm @P1dB
GND
Ground Turret
---
+12VDC
DC Input Voltage
+ 12 Volts @ 5.5 Amperes
FWD
Forward Power Detector
+ 5 Volts @ +40 dBm
Specifications subject to change without notice.


Número de pieza similar - SM0825-40Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
More results

Descripción similar - SM0825-40Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-33 STEALTH_MICROWAVE-SM0825-33 Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
SM0825-36 STEALTH_MICROWAVE-SM0825-36 Datasheet
89Kb / 3P
   800-2500 MHz 4 Watt Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com