Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA16-600SW3G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BTA16-600SW3G
Descripción Electrónicos  Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTA16-600SW3G Datasheet(HTML) 2 Page - ON Semiconductor

  BTA16-600SW3G Datasheet HTML 1Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 2Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 3Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 4Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 5Page - ON Semiconductor BTA16-600SW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTA16−600SW3G, BTA16−800SW3G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Case (AC)
Junction−to−Ambient
RqJC
RqJA
2.13
60
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8″ from Case for 10 seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 110°C
IDRM/
IRRM
0.005
2.0
mA
ON CHARACTERISTICS
Peak On-State Voltage (Note 2)
(ITM = ±22.5 A Peak)
VTM
1.55
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 30 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IGT
2.0
2.0
2.0
10
10
10
mA
Holding Current
(VD = 12 V, Gate Open, Initiating Current = ±500 mA)
IH
20
mA
Latching Current (VD = 12 V, IG = 12 mA)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IL
20
25
20
mA
Gate Trigger Voltage (VD = 12 V, RL = 30 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGT
0.5
0.5
0.5
1.3
1.3
1.3
V
Gate Non−Trigger Voltage (TJ = 110°C)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGD
0.2
0.2
0.2
V
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current, See Figure 10.
(Gate Open, TJ = 110°C, No Snubber)
(dI/dt)c
2.0
A/ms
Critical Rate of Rise of On−State Current
(TJ = 110°C, f = 120 Hz, IG = 20 mA, tr ≤ 100 ns)
dI/dt
50
A/ms
Critical Rate of Rise of Off-State Voltage
(VD = 0.66 x VDRM, Exponential Waveform, Gate Open, TJ = 110°C)
dV/dt
250
V/ms
2. Indicates Pulse Test: Pulse Width ≤ 2.0 ms, Duty Cycle ≤ 2%.


Número de pieza similar - BTA16-600SW3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA16-600SW STMICROELECTRONICS-BTA16-600SW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
BTA16-600SWRG STMICROELECTRONICS-BTA16-600SWRG Datasheet
99Kb / 9P
   16A TRIACS
logo
Inchange Semiconductor ...
BTA16-600SWRG ISC-BTA16-600SWRG Datasheet
234Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA16-600SWRG STMICROELECTRONICS-BTA16-600SWRG Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
More results

Descripción similar - BTA16-600SW3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC213 DIGITRON-MAC213 Datasheet
228Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com