Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT32TDI-GT3 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza CAT32TDI-GT3
Descripción Electrónicos  CMOS White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT32TDI-GT3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT32TDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT32TDI-GT3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CAT37
Doc. No. MD-5005 Rev. V
8
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
LED DIMMING WITH DC SIGNAL
Dimming the LEDs can be done by applying a variable
DC voltage as shown on Figure 3. As the VDC increase
the voltage across R1 decreases and therefore lower
the LED current. The resistors R2 and R3 must be
large enough so that their current (tens of µA) is much
smaller than the LED current but much larger than the
FB leakage current (IFB). When adjusting VDC between
0V and 2V, the resistors shown on Figure 3 will set
the LED current between 0mA and 15mA.
LED DIMMING WITH PWM SIGNAL
PWM brightness control provides the widest dimming
range (greater than 20:1). By turning the LEDs ON
and OFF using the control signal, the LEDs operate at
either zero or full current, but their average current
changes with the PWM signal duty cycle. Typically, a
5kHz to 40kHz PWM signal is used.
A filtered PWM signal is used to dim the LEDs, as
shown in Figure 4.
In addition to providing the widest dimming range,
PWM brightness control also ensures the “purest”
white LED color over the entire dimming range. The
true color of a white LED changes with operating
current, and is the “purest” white at a specific forward
current, usually 15mA or 20mA. If the LED current is
less than or more than this value, the emitted light
becomes more blue. Applications involving color
LCDs can find the blue tint objectionable.
LED DIMMING WITH A LOGIC SIGNAL
For
applications
that
need
to
adjust
the
LED
brightness in discrete steps, a logic signal can be
used as shown in Figure 5. R1 sets the minimum LED
current value (when the NMOS switch is OFF):
RINCR determines how much LED current increases
when the external NMOS switch is turned ON.
PCB LAYOUT GUIDELINES
The CAT37 is a high-frequency switching regulator
where proper PCB board layout and component
placement can minimize noise and radiation and
increase
efficiency.
To
maximize
efficiency,
the
CAT37 design has fast switch rise and fall times. To
prevent radiation and high frequency resonance
problems minimize the length and area of all traces
connected to the SW pin and use a ground plane
under the switching regulator.
The SW pin, schottky diode and capacitor C2 signal
path should be kept as short as possible. The ground
connection for the R1 resistor should be tied directly to
the GND pin and not be shared with other components.
Figure 3. Dimming with a
DC Voltage
Figure 4. Dimming with a
Filtered PWM Signal
Figure 5. Dimming with a
Logic Signal
VDC
R3
180k
R2
10k
R1
6.3
CAT37
FB
2N7002
RINCR
R1
6.3
CAT37
FB
Logic
Signal
PWM
R3
180k
0.1µF
10k
R2
10k
R1
6.3
CAT37
FB
)
MIN
(
LED
I
V
095
.
0
=
1
R
)
INCREASE
(
LED
INCR
I
V
095
.
0
=
R


Número de pieza similar - CAT32TDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT32TDI-GT3 CATALYST-CAT32TDI-GT3 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-GT3 ONSEMI-CAT32TDI-GT3 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
More results

Descripción similar - CAT32TDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com