Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT661ELA Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza CAT661ELA
Descripción Electrónicos  High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT661ELA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT661ELA Datasheet HTML 2Page - ON Semiconductor CAT661ELA Datasheet HTML 3Page - ON Semiconductor CAT661ELA Datasheet HTML 4Page - ON Semiconductor CAT661ELA Datasheet HTML 5Page - ON Semiconductor CAT661ELA Datasheet HTML 6Page - ON Semiconductor CAT661ELA Datasheet HTML 7Page - ON Semiconductor CAT661ELA Datasheet HTML 8Page - ON Semiconductor CAT661ELA Datasheet HTML 9Page - ON Semiconductor CAT661ELA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CAT661
6
Doc. No. MD-5003, Rev. L
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice.
TYPICAL OPERATING CHARACTERISTICS
Typical characteristic curves are generated using the circuit in Figure 2. Doubler test conditions are: V+ 5V, LV = GND,
BOOST/FC = Open and TA = 25˚C unless otherwise indicated.
Figure 2. Test Circuit Voltage Doubler
1
2
3
4
8
7
6
5
CAT661
External
Oscillator
C2
100µF
10V VOUT
V+
+
C1
100µF
BOOST/FC
CAP+
GND
CAP-
V+
OSC
LV
OUT
V+
5V
0
500
1000
1500
2000
2500
3000
01
234
56
INPUT VOLTAGE [V]
FC = open
FC = V+
0
2
4
6
8
10
12
34
56
INPUT VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
0
2040
6080
100
LOAD CURRENT [mA]
V+ = 3V
V+ = 5V
10
100
1000
10000
1
10
100
1000
OSCILLATOR FREQUENCY [KHz]
No Load
Supply Current vs. Input Voltage (No Load)
Output Resistance vs. Input Voltage
Supply Current vs. Oscillator Frequency
Output Voltage Drop vs. Load Current


Número de pieza similar - CAT661ELA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT661ELA CATALYST-CAT661ELA Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
More results

Descripción similar - CAT661ELA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com